Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 56Page - NXP Semiconductors LPC4370 Datasheet HTML 57Page - NXP Semiconductors LPC4370 Datasheet HTML 58Page - NXP Semiconductors LPC4370 Datasheet HTML 59Page - NXP Semiconductors LPC4370 Datasheet HTML 60Page - NXP Semiconductors LPC4370 Datasheet HTML 61Page - NXP Semiconductors LPC4370 Datasheet HTML 62Page - NXP Semiconductors LPC4370 Datasheet HTML 63Page - NXP Semiconductors LPC4370 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
60 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
Each ARM Cortex-M0 coprocessor has its own NVIC with 32 vectored interrupts. Most
peripheral interrupts are shared between the two Cortex-M0cores and the Cortex-M4
NVICs.
7.6.1 Features
• ARM Cortex-M4 NVIC:
– Controls system exceptions and peripheral interrupts.
– Up to 53 vectored interrupts.
– Eight programmable interrupt priority levels with hardware priority level masking.
– Relocatable vector table.
– Non-Maskable Interrupt (NMI).
– Software interrupt generation.
• ARM Cortex-M0 and ARM Cortex-M0 subsystem NVIC:
– Control system exceptions and peripheral interrupts.
– Up to 32 vectored interrupts.
– Four programmable priority levels with hardware priority level masking.
7.6.2 Interrupt sources
Each peripheral device has one interrupt line connected to the NVIC but may have several
interrupt flags. Individual interrupt flags may also represent more than one interrupt
source.
7.7 System Tick timer (SysTick)
The ARM Cortex-M4 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a 10 ms interval.
7.8 Event router
The event router combines various internal signals, interrupts, and the external interrupt
pins (WAKEUP[3:0]) to create an interrupt in the NVIC if enabled and to create a wake-up
signal to the ARM core and the CCU for waking up from Sleep, Deep-sleep, Power-down,
and Deep power-down modes. Individual events can be configured as edge or level
sensitive and can be enabled or disabled in the event router. The event router can be
battery powered.
The following events if enabled in the event router can create a wake-up signal and/or an
interrupt:
• External pins WAKEUP0/1/2/3 and RESET
• Alarm timer, RTC, WWDT, BOD interrupts
• C_CAN and QEI interrupts
• Ethernet, USB0, USB1 signals
• Selected outputs of combined timers (SCT and timer0/1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com