| Electronic Components Datasheet Search |
|
LPC4370 Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 17 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P2_13 C16 A10 [3] I; PU I/O GPIO1[13] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. - R — Function reserved. I/O EMC_A4 — External memory address line 4. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O U2_DIR — RS-485/EIA-485 output enable/direction control for USART2. P3_0 F13 A8 [3] I; PU I/O I2S0_RX_SCK — I2S receive clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. O I2S0_RX_MCLK — I2S receive master clock. I/O I2S0_TX_SCK — Transmit Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. O I2S0_TX_MCLK — I2S transmit master clock. I/O SSP0_SCK — Serial clock for SSP0. - R — Function reserved. - R — Function reserved. - R — Function reserved. P3_1 G11 F7 [3] I; PU I/O I2S0_TX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I/O I2S0_RX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I CAN0_RD — CAN receiver input. O USB1_IND1 — USB1 Port indicator LED control output 1. I/O GPIO5[8] — General purpose digital input/output pin. - R — Function reserved. O LCD_VD15 — LCD data. - R — Function reserved. P3_2 F11 G6 [3] I; PU I/O I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I/O I2S0_RX_SDA — I2S Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O CAN0_TD — CAN transmitter output. O USB1_IND0 — USB1 Port indicator LED control output 0. I/O GPIO5[9] — General purpose digital input/output pin. - R — Function reserved. O LCD_VD14 — LCD data. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |