| Electronic Components Datasheet Search |
|
LPC4370 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4370 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 150 page ![]() LPC4370 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 21 October 2013 32 of 150 NXP Semiconductors LPC4370 32-bit ARM Cortex-M4/M0 microcontroller P9_1 N6 - [3] I; PU I/O GPIO4[13] — General purpose digital input/output pin. O MCOA2 — Motor control PWM channel 2, output A. - R — Function reserved. - R — Function reserved. I/O I2S0_TX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I ENET_RX_ER — Ethernet receive error (MII interface). I/O SGPIO1 — General purpose digital input/output pin. I/O SSP0_MISO — Master In Slave Out for SSP0. P9_2 N8 - [3] I; PU I/O GPIO4[14] — General purpose digital input/output pin. O MCOB2 — Motor control PWM channel 2, output B. - R — Function reserved. - R — Function reserved. I/O I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I ENET_RXD3 — Ethernet receive data 3 (MII interface). I/O SGPIO2 — General purpose digital input/output pin. I/O SSP0_MOSI — Master Out Slave in for SSP0. P9_3 M6 - [3] I; PU I/O GPIO4[15] — General purpose digital input/output pin. O MCOA0 — Motor control PWM channel 0, output A. O USB1_IND1 — USB1 Port indicator LED control output 1. - R — Function reserved. - R — Function reserved. I ENET_RXD2 — Ethernet receive data 2 (MII interface). I/O SGPIO9 — General purpose digital input/output pin. O U3_TXD — Transmitter output for USART3. P9_4 N10 - [3] I; PU - R — Function reserved. O MCOB0 — Motor control PWM channel 0, output B. O USB1_IND0 — USB1 Port indicator LED control output 0. - R — Function reserved. I/O GPIO5[17] — General purpose digital input/output pin. O ENET_TXD2 — Ethernet transmit data 2 (MII interface). I/O SGPIO4 — General purpose digital input/output pin. I U3_RXD — Receiver input for USART3. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |