Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 94Page - NXP Semiconductors LPC4370 Datasheet HTML 95Page - NXP Semiconductors LPC4370 Datasheet HTML 96Page - NXP Semiconductors LPC4370 Datasheet HTML 97Page - NXP Semiconductors LPC4370 Datasheet HTML 98Page - NXP Semiconductors LPC4370 Datasheet HTML 99Page - NXP Semiconductors LPC4370 Datasheet HTML 100Page - NXP Semiconductors LPC4370 Datasheet HTML 101Page - NXP Semiconductors LPC4370 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
98 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
10.2 Peripheral power consumption
The typical power consumption at T = 25
C for each individual peripheral is measured as
follows:
1. Enable all branch clocks and measure the current IDD(REG)(3V3).
2. Disable the branch clock to the peripheral to be measured and keep all other branch
clocks enabled.
3. Calculate the difference between measurement 1 and 2. The result is the peripheral
power consumption.
Conditions: VDD(REG)(3V3), VDD(IO) floating.
Fig 16. Typical battery supply versus temperature in Deep power-down mode
002aah157
-40
-15
10
35
60
85
0
2
4
6
8
10
temperature (°C)
IBAT
(μA)
3.6 V
3.0 V
2.2 V
VBAT =
Table 11.
Peripheral power consumption
Peripheral
Branch clock
IDD(REG)(3V3) in mA
Branch clock
frequency = 48 MHz
Branch clock
frequency = 96 MHz
M0 subsystem core
CLK_PERIPH_CORE
2.4
4.8
M0 coprocessor
CLK_M4_M0APP
3.3
6.6
I2C1
CLK_APB3_I2C1
0.01
0.02
I2C0
CLK_APB1_I2C0
0.02
0.01
DAC
CLK_APB3_DAC
0.01
0.02
ADC0 (10-bit)
CLK_APB3_ADC0
0.05
0.05
ADC1 (10-bit)
CLK_APB3_ADC1
0.04
0.04
CAN0
CLK_APB3_CAN0
0.17
0.17
CAN1
CLK_APB1_CAN1
0.17
0.17
MOTOCON
CLK_APB1_MOTOCON
0.05
0.05
I2S
CLK_APB1_I2S
0.11
0.11
SPIFI
CLK_SPIFI,
CLK_M4_SPIFI
0.95
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com