Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 78Page - NXP Semiconductors LPC4370 Datasheet HTML 79Page - NXP Semiconductors LPC4370 Datasheet HTML 80Page - NXP Semiconductors LPC4370 Datasheet HTML 81Page - NXP Semiconductors LPC4370 Datasheet HTML 82Page - NXP Semiconductors LPC4370 Datasheet HTML 83Page - NXP Semiconductors LPC4370 Datasheet HTML 84Page - NXP Semiconductors LPC4370 Datasheet HTML 85Page - NXP Semiconductors LPC4370 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
82 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
7.23.9.1
Memory retention in Power-down modes
Table 6 shows which parts of the SRAM memory are preserved in Sleep mode and the
various power-down modes.
In addition, all FIFO memory contained in the peripheral blocks (USB0/1, LCD, CAN,
Ethernet, USART0/2/3, UART) is retained in Sleep mode and Deep-sleep mode but not in
Power-down mode and Deep-power-down mode.
Fig 7.
Power domains
REAL-TIME CLOCK
BACKUP REGISTERS
RESET/WAKE-UP
CONTROL
REGULATOR
32 kHz
OSCILLATOR
ALWAYS-ON/RTC POWER DOMAIN
MAIN POWER DOMAIN
RTCX1
VBAT
VDDREG
RTCX2
VDDIO
VSS
to memories,
peripherals,
oscillators,
PLLs
to cores
to I/O pads
ADC
DAC
OTP
ADC POWER DOMAIN
OTP POWER DOMAIN
USB0 POWER DOMAIN
VDDA
VSSA
VPP
USB0
USB0_VDDA3V_DRIVER
USB0_VDDA3V3
LPC43xx
ULTRA LOW-POWER
REGULATOR
ALARM
RESET
WAKEUP0/1/2/3
to RTC
domain
peripherals
002aag378
to RTC I/O
pads (Vps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com