Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 74Page - NXP Semiconductors LPC4370 Datasheet HTML 75Page - NXP Semiconductors LPC4370 Datasheet HTML 76Page - NXP Semiconductors LPC4370 Datasheet HTML 77Page - NXP Semiconductors LPC4370 Datasheet HTML 78Page - NXP Semiconductors LPC4370 Datasheet HTML 79Page - NXP Semiconductors LPC4370 Datasheet HTML 80Page - NXP Semiconductors LPC4370 Datasheet HTML 81Page - NXP Semiconductors LPC4370 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
78 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
• Flag to indicate watchdog reset.
• Programmable 24-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK)  256  4) to (Tcy(WDCLK)  224  4) in
multiples of Tcy(WDCLK)  4.
7.21 Analog peripherals
7.21.1 12-bit high-speed Analog-to-Digital Converter (ADCHS)
7.21.1.1
Features
• 12-bit high-speed ADC.
• Six single-sided input channels or one differential input channel.
• Descriptor based conversion sequence for single or multiple inputs.
• Integrated 14-bit timer.
• Automatic high/low threshold detection.
• Power-down mode.
• Measurement range of 0 V to 1.2 V.
• 12-bit conversion rate of 80 MSamples/s.
• Conversion on transition on input pin or various internal signals.
• Output FIFO with DMA support.
7.21.2 10-bit Analog-to-Digital Converter (ADC0/1)
7.21.2.1
Features
• 10-bit successive approximation analog to digital converter.
• Input multiplexing among 8 pins per ADC for a total of 16 individual channels.
• Power-down mode.
• Measurement range 0 to VDDA.
• Sampling frequency up to 400 kSamples/s.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on ADCTRIG0 or ADCTRIG1 pins, combined timer
outputs 8 or 15, or the PWM output MCOA2.
• Individual result registers for each A/D channel to reduce interrupt overhead.
• DMA support.
7.21.3 Digital-to-Analog Converter (DAC)
7.21.3.1
Features
• 10-bit resolution
• Monotonic by design (resistor string architecture)
• Controllable conversion speed
• Low power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com