Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4370 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 25Page - NXP Semiconductors LPC4370 Datasheet HTML 26Page - NXP Semiconductors LPC4370 Datasheet HTML 27Page - NXP Semiconductors LPC4370 Datasheet HTML 28Page - NXP Semiconductors LPC4370 Datasheet HTML 29Page - NXP Semiconductors LPC4370 Datasheet HTML 30Page - NXP Semiconductors LPC4370 Datasheet HTML 31Page - NXP Semiconductors LPC4370 Datasheet HTML 32Page - NXP Semiconductors LPC4370 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
29 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
P7_6
C7
-
[3]
I; PU I/O
GPIO3[14] — General purpose digital input/output pin.
O
CTOUT_11 — SCT output 1. Match output 3 of timer 2.
-
R — Function reserved.
O
LCD_LP — Line synchronization pulse (STN). Horizontal synchronization
pulse (TFT).
-
R — Function reserved.
O
TRACEDATA[2] — Trace data, bit 2.
-
R — Function reserved.
-
R — Function reserved.
P7_7
B6
-
[6]
[13]
I; PU I/O
GPIO3[15] — General purpose digital input/output pin.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
-
R — Function reserved.
O
LCD_PWR — LCD panel power enable.
-
R — Function reserved.
O
TRACEDATA[3] — Trace data, bit 3.
O
ENET_MDC — Ethernet MIIM clock.
I/O
SGPIO7 — General purpose digital input/output pin.
AI
ADC1_6 — ADC1, input channel 6. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
P8_0
E5
-
[4]
[13]
I; PU I/O
GPIO4[0] — General purpose digital input/output pin.
I
USB0_PWR_FAULT — Port power fault signal indicating overcurrent
condition; this signal monitors over-current on the USB bus (external circuitry
required to detect over-current condition).
-
R — Function reserved.
I
MCI2 — Motor control PWM channel 2, input.
I/O
SGPIO8 — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
O
T0_MAT0 — Match output 0 of timer 0.
P8_1
H5
-
[4]
I; PU I/O
GPIO4[1] — General purpose digital input/output pin.
O
USB0_IND1 — USB0 port indicator LED control output 1.
-
R — Function reserved.
I
MCI1 — Motor control PWM channel 1, input.
I/O
SGPIO9 — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
O
T0_MAT1 — Match output 1 of timer 0.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com