Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3125 Datasheet (PDF) - Toshiba Semiconductor

TLP3125 Datasheet PDF - Toshiba Semiconductor
Part # TLP3125
Download  TLP3125 Download
File Size   194.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Replacement for Mechanical-Relay Measurement Instrumentation

TLP3125 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3125 Datasheet PDF - Toshiba Semiconductor

Part # TLP3125
Download  TLP3125 Click to download

File Size   194.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Replacement for Mechanical-Relay Measurement Instrumentation

TLP3125 Datasheet (HTML) - Toshiba Semiconductor


TLP3125 Product details

Replacement for Mechanical-Relay
Measurement Instrumentation

The TOSHIBA TLP3125 consists of an infrared-emitting diode optically coupled to a photo-MOSFET in a SOP, which is suitable for surface mount assembly.

Features
• 8-pin SOP (2.54SOP8): 2.1-mm high, 2.54-mm pitch
• 1-Form-A
• Peak off-state voltage: 400 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 200 mA (max)
• On-state resistance: 4 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349




Similar Part No. - TLP3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
More results


Similar Description - TLP3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
Measurement Instrumentation
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
MEASUREMENT INSTRUMENTATION
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
Replacement for Mechanical-Relay Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
Telecommunication Data Acquisition Measurement Instrumentation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com