Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1631 Datasheet (PDF) - Analog Intergrations Corporation

AIC1631 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1631
Download  AIC1631 Download
File Size   287.94 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 2-Cell, 500mA, Step-Up DC/DC Converter

AIC1631 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1631 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1631
Download  AIC1631 Click to download

File Size   287.94 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 2-Cell, 500mA, Step-Up DC/DC Converter

AIC1631 Datasheet (HTML) - Analog Intergrations Corporation


AIC1631 Product details

DESCRIPTION

The AIC1631 is a high efficiency step up DC-DC converter. Only four external components are required to deliver a fixed voltage of 3V, 3.3V, or 5V. The output voltage can be externally set to an arbitrary value below breakdown voltage of the power switch for AIC1631A. Efficiency beyond 87% can be easily achieved at 100mA load with 2.2V to 3V input voltages.



FEATURES

High Efficiency 90%.

Adjustable Output Voltage with Two Resistors (AIC1631A)

Power-Saving Shutdown Mode (7µA typical).

Internal 2A Switch.

120KHz Switching Rate.

Adjustable Switch Current Limit.

On-Chip Low Battery Detector.



APPLICATIONS

Palmtop & Notebook Computers.

Pocket Organizers.

Cameras.

Pagers.

Battery Backup Supplies.

Portable Instruments.




Similar Part No. - AIC1631

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
More results


Similar Description - AIC1631

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com