Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1723 Datasheet (PDF) - Analog Intergrations Corporation

AIC1723 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1723
Download  AIC1723 Download
File Size   225.23 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA Low Dropout Linear Regulator

AIC1723 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1723 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1723
Download  AIC1723 Click to download

File Size   225.23 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA Low Dropout Linear Regulator

AIC1723 Datasheet (HTML) - Analog Intergrations Corporation


AIC1723 Product details

DESCRIPTION

The AIC1723 is a 3-pin low dropout linear regulator. The superior characteristics of the AIC1723 include zero base current loss, very low dropout voltage, and 2% accuracy output voltage. Typical ground current remains approximately

65µA, from no load to maximum loading conditions. Dropout voltage at 500mA output current is exceptionally low: 750mV for the AIC1723-50 and AIC1723-52, 900mV for the AIC1723-38, AIC1723-37, AIC1723-35, and the AIC1723-33. Output current limiting and thermal limiting are built in to provide maximal protection to the AIC1723 against fault conditions.

The AIC1723 comes in the popular SOT-223, TO-251 and TO-252 packages.



FEATURES

• Low Dropout Voltage of 750mV at 500mA Output Current (5.0V Output Version).

• Guaranteed 500mA Output Current.

• Internal 1.5Ω P-MOSFET Draws no Base Current.

• Low Ground Current at 65µA.

• 2% Accuracy Output Voltage of 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/ 5.2V.

• Input Voltage Range up to 12V (5.0V Output Version).

• Needs only 4.7µF for Stability.

• Current and Thermal Limiting.



APPLICATIONS

• Voltage Regulator for CD-ROM Drivers.

• Voltage Regulator for LAN Cards.

• Voltage Regulator for Monitor Microprocessor.

• Voltage Regulator for RAM Module.

• Wireless Communication Systems.

• Battery Powered Systems.



 




Similar Part No. - AIC1723

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1723A-18CETB AIC-AIC1723A-18CETB Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1723A-18CETR AIC-AIC1723A-18CETR Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1723A-18CUTB AIC-AIC1723A-18CUTB Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1723A-18CUTR AIC-AIC1723A-18CUTR Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
More results


Similar Description - AIC1723

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com