Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1088 Datasheet (PDF) - Anpec Electronics Coropration

APL1088 Datasheet PDF - Anpec Electronics Coropration
Part # APL1088
Download  APL1088 Download
File Size   86.11 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Low Dropout Linear Regulator

APL1088 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1088 Datasheet PDF - Anpec Electronics Coropration

Part # APL1088
Download  APL1088 Click to download

File Size   86.11 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 500mA Low Dropout Linear Regulator

APL1088 Datasheet (HTML) - Anpec Electronics Coropration


APL1088 Product details

General Description
The APL1088 is a 3-pin low dropout linear regulator with 2.0% accuracy of output voltage over line , load and temperature variations. The output current capability of APL1088 is over 500mA. Dropout voltage at 500mA output current is less than 1.5V(max). Both output current limiting and thermal shutdown are built in to provide maximal protection to the APL1088 against fault conditions. The over current and thermal shutdown circuits become active when the current exceed 500mA , or the junction temperature reach 150°C. Normal operation is recovered when junction temperature drops below 130°C.
   
Features
• Output Voltage Accuracy ± 2.0%
• Line Regulation - 1mV (typ.)
• Load Regulation - 6mV (typ.)
• Input Voltage Range up to 9V
• Internal Current Limiting and Thermal Shutdown Protections
• SOT-89 and TO-92 Packages Available
   
Applications
• Voltage Regulator for CD-ROM Drivers
• Voltage Regulator for LAN Cards
• Voltage Regulator for mother Boards
• Wireless Communication Systems
• Portable Instrument
• Portable Consumer Equipment
• Low Voltage Systems
   




Similar Part No. - APL1088

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
APL1088DC-PBL ANPEC-APL1088DC-PBL Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
APL1088DC-TRL ANPEC-APL1088DC-TRL Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
APL1088EC-PBL ANPEC-APL1088EC-PBL Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
APL1088EC-TRL ANPEC-APL1088EC-TRL Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
More results


Similar Description - APL1088

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com