Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1804 Datasheet (PDF) - Analog Intergrations Corporation

AIC1804 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1804
Download  AIC1804 Download
File Size   170.35 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Three- Or Four-Cell Lithium-Ion Battery Protection IC

AIC1804 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1804 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1804
Download  AIC1804 Click to download

File Size   170.35 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Three- Or Four-Cell Lithium-Ion Battery Protection IC

AIC1804 Datasheet (HTML) - Analog Intergrations Corporation


AIC1804 Product details

DESCRIPTION
The AIC1804 is designed to protect the lithiumion battery from damage or degrading the lifetime due to overcharging, overdischarging and overcurrent for three- or four-cell lithium-ion battery powered systems such as notebook PCs. It can also provide the cell-balancing “bleeding” function to automatically discharge the overcharged cell until the overcharge condition is released.

FEATURES
● Cell Number Selection Function to Select 3 or 4 cells Protection.
● Ultra-Low Quiescent Current at 17mA (4-Cell, V CELL=3.5V).
● Ultra-Low Power-Down Current at 2.2mA (4-Cell, V CELL=2.3V)
● Wide Supply Voltage Range: 2V to 18V.
● Precision Overcharge Protection Voltage:
    4.35V± 30mV for the AIC1804A
    4.30V± 30mV for the AIC1804B
    4.25V± 30mV for the AIC1804C
    4.20V± 30mV for the AIC1804D
● Externally Set Overcharge, Overdischarge and Overcurrent Delay Time.
● Built-in Cell-balancing Bleeding Network under Overcharge Condition.
● Three Detection Levels for Overcurrent Protection.

APPLICATIONS
● Protection IC for Three- or Four-Cell Lithium-Ion Battery Packs.




Similar Part No. - AIC1804

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
More results


Similar Description - AIC1804

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
One-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
Single-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com