Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4532 Datasheet (PDF) - Asahi Kasei Microsystems

AK4532 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4532
Download  AK4532 Download
File Size   345.74 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Internet/Network/General Purpose Multimedia Audio CODEC

AK4532 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4532 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4532
Download  AK4532 Click to download

File Size   345.74 Kbytes
Page   17 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Internet/Network/General Purpose Multimedia Audio CODEC

AK4532 Datasheet (HTML) - Asahi Kasei Microsystems


AK4532 Product details

General Description
The AK4532 is a low-cost high-quality 16-Bit CODEC designed specifically for Internet Boxes, Network PCs, and to interface with audio/video controller ICs for standard PC applications. AKM’s AK4532 serial interface mode simplifies the design process on existing and new audio projects. The converters can have a range of 4 to 50 kHz. For voice mail applications, an internal 26 dB microphone preamp has been added and because of the internal input mixer, music or other sounds can easily be mixed with voice.

Features
• 2ch Audio CODEC
• 2ch stereo including 1ch mono recording mixer with L/R, R/L, L/L and R/R switching
• 2ch stereo playback mixer
• Mic input with 26 dB optional gain
• High Jitter Tolerance
• Interface compatible with AKM’s AK4531
• Sampling Rate: 4 kHz to 50 kHz
• 3-wire Serial Interface for Mixer Control
• 5 V operation, can connect to 3.3 V Digital Controller.
• Low power consumption - 150 mW
• Power down mode
• Small low profile package - 24 pin VSOP.




Similar Part No. - AK4532

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
Internet/Network/General Purpose Multimedia Audio CODEC
More results


Similar Description - AK4532

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
Internet/Network/General Purpose Multimedia Audio CODEC
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com