Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA026P2-00 Datasheet (PDF) - Alpha Industries

AA026P2-00 Datasheet PDF - Alpha Industries
Part # AA026P2-00
Download  AA026P2-00 Download
File Size   170.72 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23.5-26.5 GHz GaAs MMIC Power Amplifier

AA026P2-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA026P2-00 Datasheet PDF - Alpha Industries

Part # AA026P2-00
Download  AA026P2-00 Click to download

File Size   170.72 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23.5-26.5 GHz GaAs MMIC Power Amplifier

AA026P2-00 Datasheet (HTML) - Alpha Industries


AA026P2-00 Product details

Description
Alpha’s three-stage balanced K band GaAs MMIC power amplifier has a typical P1 dB of 24 dBm and a typical PSAT of 26 dBm at 26.5 GHz. The chip uses Alpha’s proven 0.25 µm MESFET technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate a conductive epoxy die attach process.

Features
■ Single Bias Supply Operation (6 V)
■ 17 dB Typical Small Signal Gain
■ 24 dBm Typical P1 dB Output Power at 26.5 GHz
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD MT 2010




Similar Part No. - AA026P2-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-A4 ALPHA-AA026P2-A4 Datasheet
646Kb / 4P
23.5-26.5 GHz Surface Mount Medium Power Amplifier
More results


Similar Description - AA026P2-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-A4 ALPHA-AA026P2-A4 Datasheet
646Kb / 4P
23.5-26.5 GHz Surface Mount Medium Power Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH608 HITTITE-HMC-APH608 Datasheet
206Kb / 6P
GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 22.5 - 26.5 GHz
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC863LP4E HITTITE-HMC863LP4E_11 Datasheet
961Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 22 - 26.5 GHz
logo
Marki Microwave
MEQ3-26AS MARKIMICROWAVE-MEQ3-26AS Datasheet
297Kb / 6P
Passive GaAs MMIC 26.5 GHz Equalizer
MEQ10-26AS MARKIMICROWAVE-MEQ10-26AS Datasheet
298Kb / 6P
Passive GaAs MMIC 26.5 GHz Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com