Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA026P2-A4 Datasheet (PDF) - Alpha Industries

AA026P2-A4 Datasheet PDF - Alpha Industries
Part # AA026P2-A4
Download  AA026P2-A4 Download
File Size   646.07 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23.5-26.5 GHz Surface Mount Medium Power Amplifier

AA026P2-A4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA026P2-A4 Datasheet PDF - Alpha Industries

Part # AA026P2-A4
Download  AA026P2-A4 Click to download

File Size   646.07 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23.5-26.5 GHz Surface Mount Medium Power Amplifier

AA026P2-A4 Datasheet (HTML) - Alpha Industries


AA026P2-A4 Product details

Description
The AA026P2-A4 is a broadband millimeterwave medium power amplifier in a rugged surface mount package that is compatible with high-volume solder installation. The amplifier is designed for use in millimeterwave communication and sensor systems as an output stage or driver in the transmit chain or LO chain when high gain and high linearity is required. The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance. Amplifier is targeted for highvolume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems.

Features
■ Surface Mount Package
■ 16 dB Gain
■ 22 dBm P1 dB Output Power
■ Single Voltage Operation
■ 100% DC and RF Testing




Similar Part No. - AA026P2-A4

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
23.5-26.5 GHz GaAs MMIC Power Amplifier
More results


Similar Description - AA026P2-A4

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
23.5-26.5 GHz GaAs MMIC Power Amplifier
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
29-32 GHz Surface Mount Medium Power Amplifier
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
31 GHz Medium Power Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5027 HP-HMMC-5027 Datasheet
92Kb / 6P
2 - 26.5 Medium Power Amplifier
logo
Fairchild Semiconductor
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com