Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA028N1-99 Datasheet (PDF) - Alpha Industries

AA028N1-99 Datasheet PDF - Alpha Industries
Part # AA028N1-99
Download  AA028N1-99 Download
File Size   317.82 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23-30 GHz Low Noise Amplifier

AA028N1-99 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA028N1-99 Datasheet PDF - Alpha Industries

Part # AA028N1-99
Download  AA028N1-99 Click to download

File Size   317.82 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 23-30 GHz Low Noise Amplifier

AA028N1-99 Datasheet (HTML) - Alpha Industries


AA028N1-99 Product details

Description
The AA028N1-99 is a broadband millimeterwave amplifier in a rugged package.The amplifier is designed for use in millimeterwave communication and sensor systems as the receiver front-end or transmitter gain stage when high gain, wide dynamic range, and low noise figure are required.The robust ceramic and metal package provides excellent electrical performance, excellent thermal performance, and a high degree of environmental protection for long-term reliability. A single supply voltage simplifies bias requirements. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance. Amplifier is targeted for millimeterwave point-to-point and point-to-multipoint wireless communications systems.

Features
■ 3 dB Noise Figure
■ 18 dB Gain
■ +9 dBm Output Power
■ Rugged, Reliable Package
■ Single Voltage Operation
■ 100% RF and DC Testing




Similar Part No. - AA028N1-99

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
AA028N1-A2 ALPHA-AA028N1-A2 Datasheet
532Kb / 4P
24-30 GHz Surface Mount Low Noise Amplifier
More results


Similar Description - AA028N1-99

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4511-EPU TRIQUINT-TGA4511-EPU Datasheet
180Kb / 8P
30-38 GHz Balanced Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
30 - 36 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD247 MMIC-CMD247 Datasheet
266Kb / 10P
30-40 GHz Low Phase Noise Amplifier
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
30 GHz ??60 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
30-40 GHz Low Phase Noise Amplifier
logo
Analog Devices
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com