Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA028N1-A2 Datasheet (PDF) - Alpha Industries

AA028N1-A2 Datasheet PDF - Alpha Industries
Part # AA028N1-A2
Download  AA028N1-A2 Download
File Size   532.37 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 24-30 GHz Surface Mount Low Noise Amplifier

AA028N1-A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA028N1-A2 Datasheet PDF - Alpha Industries

Part # AA028N1-A2
Download  AA028N1-A2 Click to download

File Size   532.37 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 24-30 GHz Surface Mount Low Noise Amplifier

AA028N1-A2 Datasheet (HTML) - Alpha Industries


AA028N1-A2 Product details

Description
The AA028N1-A2 is a broadband millimeterwave low noise amplifier in a rugged surface mount package which is compatible with high-volume solder installation. The amplifier is designed for use in millimeterwave communication and sensor systems as the receiver frontend or as a gain stage when high gain and low noise figure are required.The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. A single supply voltage simplifies bias requirements.

Features
■ Surface Mount Package
■ 3 dB Noise Figure
■ 17 dB Gain
■ +7 dBm Output Power
■ Single Voltage Operation
■ 100% RF and DC Testing




Similar Part No. - AA028N1-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
AA028N1-99 ALPHA-AA028N1-99 Datasheet
317Kb / 4P
23-30 GHz Low Noise Amplifier
More results


Similar Description - AA028N1-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
20-24 GHz Low Noise Amplifier
AA022N1-A2 ALPHA-AA022N1-A2 Datasheet
548Kb / 4P
20-24 GHz Surface Mount Low Noise Amplifier
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC341 HITTITE-HMC341 Datasheet
184Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Analog Devices
HMC341 AD-HMC341 Datasheet
247Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Marki Microwave
AMM-7203 MARKIMICROWAVE-AMM-7203 Datasheet
5Mb / 15P
30 GHz ??60 GHz Low Noise Amplifier
APM-6848SM MARKIMICROWAVE-APM-6848SM Datasheet
1Mb / 14P
2-30 GHz Surface Mount Low Phase Noise Amplifier
APM-6849SM MARKIMICROWAVE-APM-6849SM Datasheet
1Mb / 13P
2-30 GHz Surface Mount Low Phase Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com