Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA031P1-00 Datasheet (PDF) - Alpha Industries

AA031P1-00 Datasheet PDF - Alpha Industries
Part # AA031P1-00
Download  AA031P1-00 Download
File Size   51.31 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 28-32 GHz GaAs MMIC Driver Amplifier

AA031P1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA031P1-00 Datasheet PDF - Alpha Industries

Part # AA031P1-00
Download  AA031P1-00 Click to download

File Size   51.31 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 28-32 GHz GaAs MMIC Driver Amplifier

AA031P1-00 Datasheet (HTML) - Alpha Industries


AA031P1-00 Product details

Description
Alpha’s three-stage reactively-matched 28–32 GHz GaAs MMIC driver amplifier has typical small signal gain of 19 dB with a typical P1 dB of 16 dBm at 28 GHz. The chip uses Alpha’s proven 0.25 µm MESFET technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate a conductive epoxy die attach process. All chips are screened for gain, output power and S-parameters prior to shipment for guaranteed performance. Designed for 28–32 GHz LMDS and digital radio bands.

Features
■ Single Bias Supply Operation (5 V)
■ 19 dB Typical Small Signal Gain
■ 16 dBm Typical P1 dB Output Power at 28 GHz
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AA031P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA031P1-A2 ALPHA-AA031P1-A2 Datasheet
574Kb / 4P
28-32 GHz Surface Mount Driver Amplifier
More results


Similar Description - AA031P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
25-29 GHz GaAs MMIC Driver Amplifier
AA031P1-A2 ALPHA-AA031P1-A2 Datasheet
574Kb / 4P
28-32 GHz Surface Mount Driver Amplifier
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
AA038N1-00 ALPHA-AA038N1-00 Datasheet
134Kb / 2P
28-40 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G Datasheet
229Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
logo
Raytheon Company
RMDA25000 RAYTHEON-RMDA25000 Datasheet
323Kb / 6P
23-28 GHz Driver Amplifier MMIC
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC279MS8G HITTITE-HMC279MS8G_10 Datasheet
177Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com