Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA026P1-00 Datasheet (PDF) - Alpha Industries

AA026P1-00 Datasheet PDF - Alpha Industries
Part # AA026P1-00
Download  AA026P1-00 Download
File Size   98.85 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 25-29 GHz GaAs MMIC Driver Amplifier

AA026P1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA026P1-00 Datasheet PDF - Alpha Industries

Part # AA026P1-00
Download  AA026P1-00 Click to download

File Size   98.85 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 25-29 GHz GaAs MMIC Driver Amplifier

AA026P1-00 Datasheet (HTML) - Alpha Industries


AA026P1-00 Product details

Description
Alpha’s three-stage reactively-matched 25–29 GHz GaAs MMIC driver amplifier has typical small signal gain of 17 dB with a typical P1 dB of 16 dBm at 26.5 GHz. The chip uses Alpha’s proven 0.25 µm MESFET technology, and is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate a conductive epoxy die attach process. All chips are screened for gain, output power and S-parameters prior to shipment for guaranteed performance.

Features
■ Single Bias Supply Operation (6 V)
■ 17 dB Typical Small Signal Gain
■ 16 dBm Typical P1 dB Output Power at 26.5 GHz
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AA026P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
23.5-26.5 GHz GaAs MMIC Power Amplifier
AA026P2-A4 ALPHA-AA026P2-A4 Datasheet
646Kb / 4P
23.5-26.5 GHz Surface Mount Medium Power Amplifier
More results


Similar Description - AA026P1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
27-29 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC279MS8G HITTITE-HMC279MS8G Datasheet
229Kb / 6P
GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz
HMC342 HITTITE-HMC342 Datasheet
187Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC566 HITTITE-HMC566 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC342 HITTITE-HMC342_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC342 HITTITE-HMC342_10 Datasheet
230Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 13 - 25 GHz
HMC566 HITTITE-HMC566_09 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 29 - 36 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com