Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS196-315 Datasheet (PDF) - Alpha Industries

PS196-315 Datasheet PDF - Alpha Industries
Part # PS196-315
Download  PS196-315 Download
File Size   544.22 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for PCS Base Stations

PS196-315 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS196-315 Datasheet PDF - Alpha Industries

Part # PS196-315
Download  PS196-315 Click to download

File Size   544.22 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description LGA Packaged Phase Shifter for PCS Base Stations

PS196-315 Datasheet (HTML) - Alpha Industries


PS196-315 Product details

Description
The PS196-315 is a voltage controlled phase shifter specifically designed for use in power amplifier distortion compensation circuits centered at 1960 MHz in PCS band base stations. Its characteristics are specified in a 60 MHz bandwidth. The PS196-315 employs a monolithic quadrature hybrid and a pair of selected silicon varactor diodes to achieve 100-degree phase shift and low insertion loss.The PS196-315 is packaged in the small outline LGA (Land Grid Array) surface mount package with the internal elements affixed to an organic BT substrate.

Features
■ Designed for PCS 1960 ± 30 MHz Band
■ 100 Degree Phase Shift Range
■ 1.5 Degree Phase Deviation
■ 0.3 dB Insertion Loss Deviation
■ 0–12 V Control Voltage Range
■ Specified 33 dBm IP3
■ Small Footprint LGA Package




Similar Part No. - PS196-315

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
PS196-315 SKYWORKS-PS196-315 Datasheet
385Kb / 4P
Voltage Controlled Phase Shifter 1.5-3.0 GHz
More results


Similar Description - PS196-315

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV132-315 ALPHA-AV132-315 Datasheet
260Kb / 4P
HIP3??Variable Attenuator for DCS and PCS Base Stations
PS094-315 ALPHA-PS094-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for GSM Base Stations
PS184-315 ALPHA-PS184-315 Datasheet
544Kb / 3P
LGA Packaged Phase Shifter for DCS Base Stations
PS214-315 ALPHA-PS214-315 Datasheet
543Kb / 3P
LGA Packaged Phase Shifter for UMTS Base Stations
logo
List of Unclassifed Man...
PS088-315 ETC1-PS088-315 Datasheet
254Kb / 3P
LGA Packaged Phase Shifter for AMPS Base Stations
logo
Skyworks Solutions Inc.
SKY12144-315 SKYWORKS-SKY12144-315 Datasheet
119Kb / 5P
HIP3??Variable Attenuator for DCS and PCS Base Stations
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
PCS Base Stations
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
PCS Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
PCS Base Stations
VX-501-DUAL VECTRON-VX-501-DUAL Datasheet
148Kb / 6P
Base Stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com