Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8815 Datasheet (PDF) - Analog Microelectronics

AME8815 Datasheet PDF - Analog Microelectronics
Part # AME8815
Download  AME8815 Download
File Size   113.0 Kbytes
Page   17 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8815 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8815 Datasheet PDF - Analog Microelectronics

Part # AME8815
Download  AME8815 Click to download

File Size   113.0 Kbytes
Page   17 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8815 Datasheet (HTML) - Analog Microelectronics


AME8815 Product details

General Description

The AME8815 family of linear regulators feature low quiescent current (45µA typ.) with low dropout voltage,

making them ideal for battery applications. It is available in D2PAK and TO-220 packages. The space-efficient SOT-223 and DPAK package are attractive for "Pocket" and "Hand Held" applications.





Features

Very Low Dropout Voltage

Guaranteed 1.5A Output

Accurate to within 1.5%

45µA Quiescent Current Typically

Over-Temperature Shutdown

Current Limiting

Short Circuit Current Fold-back

Space-Saving DPAK and SOT223, TO-220 Package

Low Temperature Coefficient





Applications

Instrumentation

Portable Electronics

Wireless Devices

PC Peripherals

Battery Powered Widgets






Similar Part No. - AME8815

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815AEBS120Z AME-AME8815AEBS120Z Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8815AEBS150Z AME-AME8815AEBS150Z Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8815AEBS180Z AME-AME8815AEBS180Z Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8815AEBS190Z AME-AME8815AEBS190Z Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8815AEBS250Z AME-AME8815AEBS250Z Datasheet
254Kb / 28P
1.5A CMOS LDO
More results


Similar Description - AME8815

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
1.5A CMOS LDO
AME8817 AME-AME8817 Datasheet
81Kb / 10P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
1.5A CMOS LDO
L11815B UTC-L11815B_15 Datasheet
189Kb / 6P
1.5A CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com