Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8817 Datasheet (PDF) - Analog Microelectronics

AME8817 Datasheet PDF - Analog Microelectronics
Part # AME8817
Download  AME8817 Download
File Size   81.32 Kbytes
Page   10 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8817 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8817 Datasheet PDF - Analog Microelectronics

Part # AME8817
Download  AME8817 Click to download

File Size   81.32 Kbytes
Page   10 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description 1.5A CMOS LDO

AME8817 Datasheet (HTML) - Analog Microelectronics


AME8817 Product details

General Description
The AME8817 family of positive, linear regulators feature low quiescent current (35µA typ.) with low dropout voltage, making them ideal for battery applications.
Output voltages are set at the factory and trimmed to 1.5% accuracy.
These rugged devices have both thermal shutdown, and current fold-back to prevent device failure under the "worst" of operating conditions.
In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and Ground.
An additional feature is a "Power Good" detector, which pulls low when the output is out of regulation.
The AME8817 is stable with an output capacitance of 4.7µF or greater.

Features
● Very Low Dropout Voltage
● Guaranteed 1.5A Output
● Accurate to within 1.5%
● 35µA Quiescent Current Typically
● Over-Temperature Shutdown
● Current Limiting
● Short Circuit Current Fold-back
● Noise Reduction Bypass Capacitor
● Power Good Output
● Power-Saving Shutdown Mode
● Space-Saving DDPAK-7 Package
● Low Temperature Coefficient

Applications
● Instrumentation
● Portable Electronics
● Wireless Devices
● PC Peripherals
● Battery Powered Widgets




Similar Part No. - AME8817

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8810 AME-AME8810 Datasheet
88Kb / 11P
600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
134Kb / 12P
600mA CMOS LDO
AME88101EGTZ AME-AME88101EGTZ Datasheet
134Kb / 12P
600mA CMOS LDO
AME88102EGTZ AME-AME88102EGTZ Datasheet
134Kb / 12P
600mA CMOS LDO
More results


Similar Description - AME8817

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
1.5A CMOS LDO
AME8816 AME-AME8816 Datasheet
112Kb / 14P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
1.5A CMOS LDO
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
1.5A CMOS LDO
L11815B UTC-L11815B_15 Datasheet
189Kb / 6P
1.5A CMOS LDO
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com