Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

079890-514 Datasheet (PDF) - API Technologies Corp

079890-514 Datasheet PDF - API Technologies Corp
Part # 079890-514
Download  079890-514 Download
File Size   838.19 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 304 MHz SAW Bandpass Filter with 4 MHz bandwidth

079890-514 Datasheet (PDF)

Go To PDF Page Download Datasheet
079890-514 Datasheet PDF - API Technologies Corp

Part # 079890-514
Download  079890-514 Click to download

File Size   838.19 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 304 MHz SAW Bandpass Filter with 4 MHz bandwidth

079890-514 Datasheet (HTML) - API Technologies Corp




Similar Part No. - 079890-514

ManufacturerPart #DatasheetDescription
logo
Littelfuse
07981002ZXS LITTELFUSE-07981002ZXS Datasheet
362Kb / 2P
LTX SERIES 6 POSITION MEGA & MIDI POWER DISTRIBUTION BOX
Rev: 041018
More results


Similar Description - 079890-514

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
API Technologies Corp
074949-518 APITECH-074949-518 Datasheet
129Kb / 3P
68.256 MHz SAW bandpass filter with 2.4 MHz bandwidth.
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0307BA03149S SPECTRUM-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
API Technologies Corp
SF0307BA03149S APITECH-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com