Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC11L Datasheet (PDF) - Bourns Electronic Solutions

PEC11L Datasheet PDF - Bourns Electronic Solutions
Part # PEC11L_13
Download  PEC11L Download
File Size   220.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 11 mm Low Profi le Encoder

PEC11L Datasheet (PDF)

Go To PDF Page Download Datasheet
PEC11L Datasheet PDF - Bourns Electronic Solutions

Part # PEC11L_13
Download  PEC11L Click to download

File Size   220.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 11 mm Low Profi le Encoder

PEC11L Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PEC11L_13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L-4015F-N0015 BOURNS-PEC11L-4015F-N0015 Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-4015F-N0020 BOURNS-PEC11L-4015F-N0020 Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-4015F-S0015 BOURNS-PEC11L-4015F-S0015 Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-4015F-S0020 BOURNS-PEC11L-4015F-S0020 Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
PEC11L-4015K-N0015 BOURNS-PEC11L-4015K-N0015 Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
More results


Similar Description - PEC11L_13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
PEC11L Series - 11 mm Low Profi le Encoder
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
Low Profi le SMT Encoder Switches with 8 Sections
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
PTE Series Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com