Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

944U Datasheet (PDF) - Cornell Dubilier Electronics

944U Datasheet PDF - Cornell Dubilier Electronics
Part # 944U
Download  944U Download
File Size   267.85 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High Current, Low Profi le for Inverter Applications

944U Datasheet (PDF)

Go To PDF Page Download Datasheet
944U Datasheet PDF - Cornell Dubilier Electronics

Part # 944U
Download  944U Click to download

File Size   267.85 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description High Current, Low Profi le for Inverter Applications

944U Datasheet (HTML) - Cornell Dubilier Electronics




Similar Part No. - 944U

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944U101K102AAI CDE-944U101K102AAI Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
944U101K102AAM CDE-944U101K102AAM Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
944U101K102AB CDE-944U101K102AB Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
944U101K102ABI CDE-944U101K102ABI Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
944U101K102ABM CDE-944U101K102ABM Datasheet
471Kb / 4P
Polypropylene Film Capacitors for DC Filtering
More results


Similar Description - 944U

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
Low profi le provides compatibility with DIPs
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
PTA Series - Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
PTE Series Low Profi le Slide Potentiometer
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com