Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI754 Datasheet (PDF) - Vishay Siliconix

GI754 Datasheet PDF - Vishay Siliconix
Part # GI754
Download  GI754 Download
File Size   79.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Axial Plastic Rectifier

GI754 Datasheet (PDF)

Go To PDF Page Download Datasheet
GI754 Datasheet PDF - Vishay Siliconix

Part # GI754
Download  GI754 Click to download

File Size   79.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Axial Plastic Rectifier

GI754 Datasheet (HTML) - Vishay Siliconix


GI754 Product details

FEATURES

• Low forward voltage drop

• Low leakage current, IR less than 0.1 μA

• High forward current capability

• High forward surge capability

• Solder dip 275 °C max. 10 s, per JESD 22-B106

• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC



TYPICAL APPLICATIONS

  For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application.



 




Similar Part No. - GI754

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI754 GE-GI754 Datasheet
38Kb / 2P
HIGH CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI754 VISHAY-GI754 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI754 VISHAY-GI754 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
GI754 VISHAY-GI754 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results


Similar Description - GI754

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
General Semiconductor
GI750 GE-GI750 Datasheet
38Kb / 2P
HIGH CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI756-E354 VISHAY-GI756-E354 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_15 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_V01 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com