Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI754 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI754
Description  High Current Axial Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI754 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI754 Datasheet HTML 1Page - Vishay Siliconix GI754 Datasheet HTML 2Page - Vishay Siliconix GI754 Datasheet HTML 3Page - Vishay Siliconix GI754 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI750, GI751, GI752, GI754, GI756, GI758
www.vishay.com
Vishay General Semiconductor
Revision: 01-Aug-13
2
Document Number: 88627
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, PCB mounted with 1.1" x 1.1"
(30 mm x 30 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Forward Current Derating Curve
Fig. 3 - Maximum Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI750
GI751
GI752
GI754
GI756
GI758
UNIT
Typical thermal resistance
RJA (1)
20
°C/W
RJL (1)
4.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI756-E3/54
2.1
54
800
13" diameter paper tape and reel
GI756-E3/73
2.1
73
300
Ammo pack packaging
0
1.0
5.0
4.0
3.0
2.0
6.0
7.0
0
40
60
80
20
100 120 140 160 180 200
8.0
Ambient Temperature (°C)
1.1" x 1.1" (30 mm x 30 mm)
Copper Pads
60 Hz Resistive
or Inductive Load
0
4
8
12
16
0
40
60
80
20
100 120 140 160 180 200
20
24
28
Lead Temperature (°C)
L =
0.25
" (6.35
mm)
60 Hz Resistive
or Inductive Load
Both Leads Attached
to Heat Sinks with
Length as Shown “L”
L =
0.375
" (9.5
mm)
L =
0.625
" (15.8
mm)
1
10
100
10
100
1000
V
RRM may be Applied Between
Each Cycle of Surge, the T
J
Noted is T
J Prior to Surge
Number of Cycles at 60 Hz
T
J = 150 °C
T
J = 25 °C
Repetitive
Non-Repetitive
T
J = 150 °C
T
J = 25 °C
10
100
1
0.1
0.01
1.2
0.8
0.6
1.4
1.6
1.8
1.0
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com