Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC2-HP-DC12V Datasheet (PDF) - Panasonic Semiconductor

HC2-HP-DC12V Datasheet PDF - Panasonic Semiconductor
Part # HC2-HP-DC12V
Download  HC2-HP-DC12V Download
File Size   229.75 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Relay for control panel of 1A to 10A (1c/2c/3c/4c)

HC2-HP-DC12V Datasheet (PDF)

Go To PDF Page Download Datasheet
HC2-HP-DC12V Datasheet PDF - Panasonic Semiconductor

Part # HC2-HP-DC12V
Download  HC2-HP-DC12V Click to download

File Size   229.75 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Relay for control panel of 1A to 10A (1c/2c/3c/4c)

HC2-HP-DC12V Datasheet (HTML) - Panasonic Semiconductor


HC2-HP-DC12V Product details

FEATURES
1. Standard type, Amber sealed type and Keep type
2. Rich lineup includes relays with operating indication, with diode and with CR circuit
3. Full range of types Plug-in type, PC board type and TM type
4. Sockets and terminal sockets are available.

TYPICAL APPLICATIONS
1. Factory automation equipment and automotive devices
2. Control panels, power supply equipment, molding equipment, machine tools, welding equipment, agricultural equipment, etc.
3. Office equipment, automatic vending machines, telecommunications equipment, disaster prevention equipment, copiers, measuring devices, medical equipment, amusement devices, etc.
4. All types of household appliance




Similar Part No. - HC2-HP-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-H-AC100V-F PANASONIC-HC2-H-AC100V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2-H-AC120V-F PANASONIC-HC2-H-AC120V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2-H-AC12V-F PANASONIC-HC2-H-AC12V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2-H-AC200V-F PANASONIC-HC2-H-AC200V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2-H-AC240V-F PANASONIC-HC2-H-AC240V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results


Similar Description - HC2-HP-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
Relay for control panel of 1c 10A, 2c 5A and 1a 16A
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
Relay for control panel of 1c 15A, and 2c 10A
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
1a/1c 10A cubic type power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com