Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL400CS Datasheet (PDF) - Elantec Semiconductor

EL400CS Datasheet PDF - Elantec Semiconductor
Part # EL400CS
Download  EL400CS Download
File Size   427.99 Kbytes
Page   11 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 200MHz Current Feedback Amplifier

EL400CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL400CS Datasheet PDF - Elantec Semiconductor

Part # EL400CS
Download  EL400CS Click to download

File Size   427.99 Kbytes
Page   11 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 200MHz Current Feedback Amplifier

EL400CS Datasheet (HTML) - Elantec Semiconductor


EL400CS Product details

General Description
The EL400C is a wide bandwidth, fast settling monolithic amplifier built using an advanced complementary bipolar process. This amplifier uses current-mode feedback to achieve more bandwidth at a given gain than conventional operational amplifiers. Designed for closedloop gains of ±1 to ±8, the EL400C has a 200MHz -3dB bandwidth (AV = +2), and 12ns settling to 0.05% while consuming only 15mA of supply current.

Features
• 200MHz -3dB bandwidth, AV = 2
• 12ns settling to 0.05%
• VS = ±5V @ 15mA
• Low distortion: HD2, HD3 @ -60dBc at 20MHz
• Differential gain 0.02% at NTSC, PAL
• Differential phase 0.01° at NTSC, PAL
• Overload/short-circuit protected
• ±1 to ±8 closed-loop gain range
• Low cost
• Direct replacement for CLC400

Applications
• Video gain block
• Video distribution
• HDTV amplifier
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications




Similar Part No. - EL400CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL400CS INTERSIL-EL400CS Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
logo
Renesas Technology Corp
EL400CS RENESAS-EL400CS Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Similar Description - EL400CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
200MHz Low-Power Current Feedback Amplifiers
September 8, 2005
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
200MHz Current Feedback Amplifier
September 26, 2001
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com