Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5221C Datasheet (PDF) - Elantec Semiconductor

EL5221C Datasheet PDF - Elantec Semiconductor
Part # EL5221C
Download  EL5221C Download
File Size   263.73 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 12MHz Rail-to-Rail Input-Output Buffer

EL5221C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5221C Datasheet PDF - Elantec Semiconductor

Part # EL5221C
Download  EL5221C Click to download

File Size   263.73 Kbytes
Page   13 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 12MHz Rail-to-Rail Input-Output Buffer

EL5221C Datasheet (HTML) - Elantec Semiconductor


EL5221C Product details

General Description
The EL5221C is a dual, low power, high voltage rail-to-rail input-output buffer. Operating on supplies ranging from 5V to 15V, while consuming only 500µA per channel, the EL5221C has a bandwidth of 12MHz (-3dB). The EL5221C also provides rail-to-rail input and output ability, giving the maximum dynamic range at any supply voltage.

Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation

Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal Digital Assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffer




Similar Part No. - EL5221C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5221CW-T13 INTERSIL-EL5221CW-T13 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
logo
Renesas Technology Corp
EL5221CW-T7 RENESAS-EL5221CW-T7 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CW-T7A INTERSIL-EL5221CW-T7A Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
More results


Similar Description - EL5221C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
Quad 12MHz Rail-to-Rail Input-Output Buffer
June 14, 2004
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com