Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5421 Datasheet (PDF) - Intersil Corporation

EL5421 Datasheet PDF - Intersil Corporation
Part # EL5421
Download  EL5421 Download
File Size   228.6 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 12MHz Rail-to-Rail Input-Output Buffer

EL5421 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5421 Datasheet PDF - Intersil Corporation

Part # EL5421
Download  EL5421 Click to download

File Size   228.6 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 12MHz Rail-to-Rail Input-Output Buffer

EL5421 Datasheet (HTML) - Intersil Corporation


EL5421 Product details

The EL5421 is a quad, low power, high voltage rail-to-rail input-output buffer. Operating on supplies ranging from 5V to 15V, while consuming only 500µA per channel, the EL5421 has a bandwidth of 12MHz (-3dB). The EL5421 also provides rail-to-rail input and output ability, giving the maximum dynamic range at any supply voltage.
The EL5421 also features fast slewing and settling times, as well as a high output drive capability of 30mA (sink and source). These features make the EL5421 ideal for use as voltage reference buffers in Thin Film Transistor Liquid Crystal Displays (TFT-LCD). Other applications include battery power, portable devices and anywhere low power consumption is important.
The EL5421 is available in a space saving 10 Ld MSOP package and operates over a temperature range of -40°C to +85°C.

Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation
• “Mini” SO package (MSOP)
• Pb-free plus anneal available (RoHS compliant)

Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal digital assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffers




Similar Part No. - EL5421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421CY ELANTEC-EL5421CY Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
More results


Similar Description - EL5421

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com