Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7912AR Datasheet (PDF) - Microsemi Corporation

SG7912AR Datasheet PDF - Microsemi Corporation
Part # SG7912AR
Download  SG7912AR Download
File Size   405.76 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Negative Fixed Voltage Regulator

SG7912AR Datasheet (PDF)

Go To PDF Page Download Datasheet
SG7912AR Datasheet PDF - Microsemi Corporation

Part # SG7912AR
Download  SG7912AR Click to download

File Size   405.76 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Negative Fixed Voltage Regulator

SG7912AR Datasheet (HTML) - Microsemi Corporation


SG7912AR Product details

DESCRIPTION
The SG7900A/SG7900 series of negative regulators offer self-contained, fixed-voltage capability with up to 1.5A of load current. With a variety of output voltages and four package options this regulator series is an optimum complement to the SG7800A/SG7800, SG140 line of three terminal regulators.

FEATURES
• Output voltage set internally to ±1.5% on SG7900A
• Output current to 1.5A
• Excellent line and load regulation
• Foldback current limiting
• Thermal overload protection
• Voltages available: -5V, -12V, -15V
• Contact factory for other voltage options
• Available in surface mount package




Similar Part No. - SG7912AR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7912AG-DESC MICROSEMI-SG7912AG-DESC Datasheet
1Mb / 12P
Negative Fixed Voltage Regulator
SG7912AG/DESC MICROSEMI-SG7912AG/DESC Datasheet
417Kb / 9P
Negative Fixed Voltage Regulator
logo
Micro Electronics
SG7912AIG MICRO-ELECTRONICS-SG7912AIG Datasheet
175Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7912AIG-DESC MICROSEMI-SG7912AIG-DESC Datasheet
1Mb / 12P
Negative Fixed Voltage Regulator
logo
Micro Electronics
SG7912AIG/883B MICRO-ELECTRONICS-SG7912AIG/883B Datasheet
175Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
More results


Similar Description - SG7912AR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
Fixed-Negative-Voltage Regulator
logo
Fairchild Semiconductor
KA7912 FAIRCHILD-KA7912 Datasheet
117Kb / 15P
FIXED VOLTAGE REGULATOR (NEGATIVE)
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
Fixed-Negative-Voltage Regulator
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
Negative Fixed Voltage Regulator
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
Negative Fixed Voltage Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com