Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1501 Datasheet (PDF) - fujitsu semiconductor

MB1501 Datasheet PDF - fujitsu semiconductor
Part # MB1501
Download  MB1501 Download
File Size   238.28 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1501 Datasheet PDF - fujitsu semiconductor

Part # MB1501
Download  MB1501 Click to download

File Size   238.28 Kbytes
Page   17 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1501 Datasheet (HTML) - fujitsu semiconductor


MB1501 Product details

SERIAL INPUT PLL FREQUENCY SYNTHESIZER WITH 1.1GHz PRESCALER



The Fujitsu MB1501/MB1501H/MB1501L, utilizing BI-CMOS technology, is a single chip serial input PLL frequency synthesizer with pulse-swallow function.



• High operating frequency: fIN MAX=1.1GHz (PIN MIN=0.20VP-P)

• On-chip prescaler

• Low power supply voltage: 2.7V to 5.5V (3.0V typ)

• Low power supply consumption: 45mW (3.0V, 1.1GHz operation)

• Serial input 18-bit programmable divider consisting of:

   Binary 7-bit swallow counter (Divide ratio: 0 to 127)

   Binary 11-bit programmable counter (Divide ratio: 16 to 2047)

• Serial input 15-bit programmable reference divider consisting of:

   Binary 14-bit programmable reference counter (Divide ratio: 8 to 16383)

   1-bit switch counter (SW) Sets divide ratio of prescaler

• 2types of phase detector output

   On-chip charge pump (Bipolar type)

   Output for external charge pump

• Wide operating temperature: TA=–40°C to +85°C




Similar Part No. - MB1501

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1500ERW MPD-MB1500ERW Datasheet
589Kb / 4P
MB1500ERW
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
logo
fujitsu semiconductor
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
MB15026 ETC-MB15026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
More results


Similar Description - MB1501

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com