Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1502 Datasheet (PDF) - fujitsu semiconductor

MB1502 Datasheet PDF - fujitsu semiconductor
Part # MB1502
Download  MB1502 Download
File Size   244.77 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1502 Datasheet PDF - fujitsu semiconductor

Part # MB1502
Download  MB1502 Click to download

File Size   244.77 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1502 Datasheet (HTML) - fujitsu semiconductor


MB1502 Product details

LOW POWER SERIAL INPUT PLL SYNTHESIZER WITH 1.1 GHz PRESCALER



The Fujitsu MB1502, utilizing BI-CMOS technology, is a single chip serial input PLL synthesizer with pulse-swallow function. The MB1502 contains a 1.1GHz two modulus prescaler that can select of either 64/65 or 128/129 divide ratio, control signal generator, 16-bit shift register, 15-bit latch, programmable reference divider (binary 14-bit programmable reference counter), 1-bit switch counter, phase comparator with phase conversion function, charge pump, crystal oscillator, 19-bit shift register, 18-bit latch, programmable divider (binary 7-bit swallow counter and binary 11-bit programmable counter) and analog switch to speed up lock up time.

It operates supply voltage of 5V typ. and achieves very low supply current of 8mA typ. realized through the use of Fujitsu Advanced Process Technology.



FEATURES

• High operating frequency: fIN MAX=1.1GHz (VIN MIN=10dBm)

• Pulse swallow function: 64/65 or 128/129

• Low supply current: ICC=8mA typ.

• Serial input 18-bit programmable divider consisting of:

   — Binary 7-bit swallow counter: 0 to 127

   — Binary 11-bit programmable counter: 16 to 2047

• Serial input 15-bit programmable reference divider consisting of:

   — Binary 14-bit programmable reference counter: 8 to 16383

   — 1-bit switch counter (SW) sets divide ratio of prescaler

• On-chip analog switch achieves fast lock up time

• 2 types of phase detector output

   — On-chip charge pump (Bipolar type)

   — Output for external charge pump

• Wide operating temperature: –40°C to +85°C

• 16-pin Plastic DIP Package (Suffix: —P)

  16-pin Plastic Flat Package (Suffix: —PF)



 




Similar Part No. - MB1502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB15026 ETC-MB15026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MB15026 ETC1-MB15026 Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
More results


Similar Description - MB1502

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com