Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F07SL Datasheet (PDF) - fujitsu semiconductor

MB15F07SL Datasheet PDF - fujitsu semiconductor
Part # MB15F07SL
Download  MB15F07SL Download
File Size   244.05 Kbytes
Page   27 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F07SL Datasheet (PDF)

Go To PDF Page Download Datasheet
MB15F07SL Datasheet PDF - fujitsu semiconductor

Part # MB15F07SL
Download  MB15F07SL Click to download

File Size   244.05 Kbytes
Page   27 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F07SL Datasheet (HTML) - fujitsu semiconductor


MB15F07SL Product details

■ DESCRIPTION
The Fujitsu MB15F07SL is a serial input Phase Locked Loop (PLL) frequency synthesizer with two 1100 MHz prescalers. The two 1100 MHz prescalers have a dual modulus division ratio of 128/129 or 64/65 enabling pulse swallowing operation.
The supply voltage range is between 2.4 V and 3.6 V. The MB15F07SL uses the latest BiCMOS process. As a result, the supply current is typically 5 mA at 2.7 V. A refined charge pump supplies a well-balanced output current of 1.5 mA or 6 mA. The charge pump current is selectable by serial data.
MB15F07SL is ideally suited for wireless mobile communications, such as GSM and PDC.

■ FEATURES
• High frequency operation: PLL 1, 2: 1100 MHz max
• Low power supply voltage: VCC = 2.4 to 3.6 V
• Ultra Low power supply current:
    ICC = 5.0 mA typ. (VCC = 2.7 V, Ta = +25°C, in PLL1, 2 locking state)
    ICC = 5.5 mA typ. (VCC = 3.0 V, Ta = +25°C, in PLL1, 2 locking state)
• Direct power saving function: Power supply current in power saving mode Typ. 0.1 µA (VCC = 3.0 V, Ta = +25°C), Max. 10 µA (VCC = 3.0 V)
• Dual modulus prescaler: 1100 MHz prescaler (64/65, 128/129)
• Serial input 14-bit programmable reference divider: R = 3 to 16,383
• Serial input programmable divider consisting of:
    - Binary 7-bit swallow counter: 0 to 127
    - Binary 11-bit programmable counter: 3 to 2,047
• Software selectable charge pump current
• On-chip phase control for phase comparator
• Operating temperature: Ta = –40 to +85°C




Similar Part No. - MB15F07SL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02LPFV1 FUJITSU-MB15F02LPFV1 Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02LPV FUJITSU-MB15F02LPV Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02PFV FUJITSU-MB15F02PFV Datasheet
202Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
More results


Similar Description - MB15F07SL

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com