Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F72SP Datasheet (PDF) - fujitsu semiconductor

MB15F72SP Datasheet PDF - fujitsu semiconductor
Part # MB15F72SP
Download  MB15F72SP Download
File Size   286.4 Kbytes
Page   27 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F72SP Datasheet (PDF)

Go To PDF Page Download Datasheet
MB15F72SP Datasheet PDF - fujitsu semiconductor

Part # MB15F72SP
Download  MB15F72SP Click to download

File Size   286.4 Kbytes
Page   27 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F72SP Datasheet (HTML) - fujitsu semiconductor


MB15F72SP Product details

■ DESCRIPTION
The Fujitsu MB15F72SP is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 1300 MHz and a 350 MHz prescalers. A 64/65 or a 128/129 for the 1300 MHz prescaler, and a 8/9 or a 16/17 for the 350 MHz prescaler can be selected for the prescaler that enables pulse swallow operation.
MB15F72SP has the same configuration with MB15F02 or MB15F02L. The BiCMOS process is used , as a result a supply current is typically 2.7 mA typ. at 2.7 V.The supply voltage range is from 2.4 V to 3.6 V. A refined charge pump supplies well-balanced output current with 1.5 mA and 6 mA selectable by serial data.
The new package(BCC20) decreases a area of MB15F72SP more than 30 % comparing with the former BCC16 (for dual PLL).
MB15F72SP is ideally suited for wireless mobile communications, such as PDC

■ FEATURES
• High frequency operation:RF synthesizer: 1300 MHz max :IF synthesizer: 350 MHz max
• Low power supply voltage: VCC = 2.4 to 3.6 V
• Ultra Low power supply current:ICC = 2.7 mA typ. (VCC = Vp = 2.7 V, SWIF = SWRF = 0, Ta = +25°C, in IF, RF locking state)
• Direct power saving function:Power supply current in power saving mode Typ. 0.1 µA (VCC = Vp = 2.7 V, Ta = +25°C) Max. 10 µA (VCC = Vp = 2.7 V)
• Software selectable charge pump current: 1.5 mA/6.0 mA (typ.)
• Dual modulus prescaler: 1300 MHz prescaler (64/65 or 128/129 )/350 MHz prescaler (8/9 or 16/17)
• 23 bit shift resister
• Serial input 14-bit programmable reference divider: R = 3 to 16,383
• Serial input programmable divider consisting of:
    - Binary 7-bit swallow counter: 0 to 127
    - Binary 11-bit programmable counter: 3 to 2,047
• On–chip phase control for phase comparator
• Built-in digital locking detector circuit to detect PLL locking and unlocking.
• Operating temperature: Ta = –40°C to +85°C
• Sireal data format compatible with MB15F02SL
• Small package BCC20 (3.4 mm × 3.6mm × 0.8mm)




Similar Part No. - MB15F72SP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72ULPFT FUJITSU-MB15F72ULPFT Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72ULPVA FUJITSU-MB15F72ULPVA Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72UV FUJITSU-MB15F72UV Datasheet
237Kb / 26P
Dual Serial Input PLL Frequency Synthesizer
More results


Similar Description - MB15F72SP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com