Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB40968 Datasheet (PDF) - fujitsu semiconductor

MB40968 Datasheet PDF - fujitsu semiconductor
Part # MB40968
Download  MB40968 Download
File Size   107.21 Kbytes
Page   18 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2-Channel 8-BIT D/A Converter

MB40968 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB40968 Datasheet PDF - fujitsu semiconductor

Part # MB40968
Download  MB40968 Click to download

File Size   107.21 Kbytes
Page   18 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2-Channel 8-BIT D/A Converter

MB40968 Datasheet (HTML) - fujitsu semiconductor


MB40968 Product details

■ DESCRIPTION
The Fujitsu MB40968/40968V is a 2-channel 8-bit high speed digital to analog converter for video frequency band fabricated by Fujitsu Advanced Bipolar Technology. This is suitable for YC signal processing of digital VCR.

■ FEATURES
• Resolution: 8-bits
• Linearity error: ±0.2% (max.)
• Maximum conversion rate: 30 MHz (Min.)
• Analog output voltage range: 3 to 5V
• Reference voltage output:
    MB40968: Resistance-type potential divider output (3/5 × VCCA)
    MB40968V: Band gap reference output (VCCA – 2 [V])
• Digital input voltage: TTL level
• Single power supply voltage: +5.0 [V]
• Power dissipation: 270 [mW] (typ)




Similar Part No. - MB40968

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
3-Channel 10-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
3-Channel 8-Bit D/A Converter
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
3-Channel 8-Bit RGB D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
3-Channel 8-Bit D/A Converter
More results


Similar Description - MB40968

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
8-bit 40MSPS YC 2-channel D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
National Semiconductor ...
ADC082S021 NSC-ADC082S021 Datasheet
939Kb / 19P
2 Channel, 200 KSPS, 8-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
logo
Renesas Technology Corp
M62342GP RENESAS-M62342GP Datasheet
85Kb / 7P
8-Bit, 2-Channel D-A Converter (Buffered)
M62342GP RENESAS-M62342GP_08 Datasheet
119Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
M62342HP RENESAS-M62342HP Datasheet
107Kb / 8P
8-Bit, 2-Channel D/A Converter (Buffered)
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com