Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB86616 Datasheet (PDF) - fujitsu semiconductor

MB86616 Datasheet PDF - fujitsu semiconductor
Part # MB86616
Download  MB86616 Download
File Size   605.19 Kbytes
Page   63 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description IEEE1394-SCSI Tailgate

MB86616 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB86616 Datasheet PDF - fujitsu semiconductor

Part # MB86616
Download  MB86616 Click to download

File Size   605.19 Kbytes
Page   63 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description IEEE1394-SCSI Tailgate

MB86616 Datasheet (HTML) - fujitsu semiconductor


MB86616 Product details

■ DESCRIPTION

The MB86616 is the LSI for protocol conversion to connect SCSI devices to the IEEE 1394 bus. This LSI integrates a 1394 controller compliant with the IEEE Standard for High Performance Serial Bus (IEEE Std. 1394-1995, or FireWire standard) and an SCSI protocol controller compliant with the SCSI-Fast20 standard on a single chip. It also incorporates the F2MC-16F as a processor for controlling the individual on-chip controllers, providing ease of control.



■ FEATURES

• IEEE 1394 Controller Unit

• Compliant with the IEEE Standard for High Performance Serial Bus (IEEE Std. 1394-1995

• Physical and link layer modules integrated on a single chip

• Two cable ports

• Data transfer rates supported : S100, S200, S400

• Data buffer dedicated to asynchronous transmission/reception

• 2-Kbyte (1/2/4 bank-switchable) , transmission/reception shared data buffer

• 128-byte buffer dedicated to asynchronous transmission and 128-byte buffer dedicated to asynchronous reception

• Automatic separation of the packet header and data upon reception and automatic packetization of information upon transmission

• 32-bit CRC generation and check functions

• Chain transfer function for data transfer sequence

• 4- and 4-conductor cables supported



• SCSI Protocol Controller Unit

• Dedicated to initiator operation

• FAST-20 data transfer (8-bit)

  Synchronous transfer : 20 MBps Max. (Maximum offset value of 15)

  Asynchronous transfer : 5 MBps Max.

• Internal 16-byte FIFO data register

• Totem pole type of Fast20 single-end driver/receiver

• 28-bit transfer byte counter enabling simultaneous transfer of up to 256 Mbytes of data



• F2MC-16F Unit

• Minimum instruction execution time : 40.7 ns (at 24.576 MHz)

• Instruction set optimized for controller applications

• Instruction set supporting high-level languages (including C) and multi tasking



• Miscellaneous

• Supply voltage : 3.3 V and 5 V power supplies

• Package : LQFP-144 (FPT-144P-M08)



 




Similar Part No. - MB86616

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86612 FUJITSU-MB86612 Datasheet
574Kb / 40P
IEEE 1394 Bus Controller (for MPEG, DVC)
MB86612PBT FUJITSU-MB86612PBT Datasheet
574Kb / 40P
IEEE 1394 Bus Controller (for MPEG, DVC)
MB86612PFV FUJITSU-MB86612PFV Datasheet
574Kb / 40P
IEEE 1394 Bus Controller (for MPEG, DVC)
MB86613 FUJITSU-MB86613 Datasheet
473Kb / 36P
IEEE 1394 Open HCI Controller
MB86613PBT FUJITSU-MB86613PBT Datasheet
473Kb / 36P
IEEE 1394 Open HCI Controller
More results


Similar Description - MB86616

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72850A NEC-UPD72850A Datasheet
290Kb / 48P
IEEE1394 400Mbps PHY
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
IEEE1394 OHCI HOST CONTROLLER
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
IEEE1394 1-CHIP OHCI HOST CONTROLLER
logo
fujitsu semiconductor
MB86613S FUJITSU-MB86613S Datasheet
758Kb / 134P
IEEE1394 Open HCI Controller
logo
Qualtek Electronics Cor...
1821005-03 QUALTEK-1821005-03 Datasheet
415Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821011-06 QUALTEK-1821011-06 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821017-10 QUALTEK-1821017-10 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
1821023-15 QUALTEK-1821023-15 Datasheet
416Kb / 1P
IEEE1394 4P/M - IEEE1394 4P/M
logo
Yamaichi Electronics Co...
GBS006-0003-AS YAMAICHI-GBS006-0003-AS Datasheet
51Kb / 1P
IEEE1394 (Fire Wire) - Plug and Receptacle
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com