Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89145 Datasheet (PDF) - fujitsu semiconductor

MB89145 Datasheet PDF - fujitsu semiconductor
Part # MB89145
Download  MB89145 Download
File Size   745.76 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89145 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89145 Datasheet PDF - fujitsu semiconductor

Part # MB89145
Download  MB89145 Click to download

File Size   745.76 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89145 Datasheet (HTML) - fujitsu semiconductor


MB89145 Product details

■ DESCRIPTION
The MB89140 series is a line of single-chip microcontrollers that use the F2MC*-8L CPU core which can operate at low voltage but at high speed. The MB89140 series contains a variety of peripheral functions, such as timers, a serial interface, an A/D converter, and an external interrupt. The MB89140 series is applicable to a wide range of applications from welfare products to industrial equipment, including portable devices.

■ FEATURES
• Minimum execution time: 0.5 µs/8-MHz oscillation
• F2MC-8L family CPU core
    Instruction set optimized for controllers
                           Multiplication and division instructions
                           16-bit arithmetic operations
                           Test and branch instructions
                           Bit manipulation instructions, etc.
• Low-voltage operation (when an A/D converter is not used)
• Low current consumption (compatible with dual-clock system)
• High-voltage ports on chip
• Five types of timers
    8-bit PWM timer (also usable as a reload timer)
    12-bit MPG timer (also usable as a PPG output, PWM output, and reload timer)
    8/16-bit timer (also usable as two 8-bit timers)
    21-bit time-base timer
• One serial interface
    Swichable transfer direction allows communication with various equipment.
• 10-bit A/D converter: 12 channels
    Successive approximation type
• External interrupt: 2 channels
    Two channels are independent and capable of wake-up from low-power consumption modes. (Rising edge,
    falling edge/both edges selectability)
    –0.3 V to +7.0 V can be applied to INT1 (N-ch open-drain)
• Low-power consumption modes
    Stop mode (Oscillation stops to minimize the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
    Subclock mode
    Watch mode
• Reset output and power-on reset selectability




Similar Part No. - MB89145

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89145 FUJITSU-MB89145 Datasheet
518Kb / 38P
8-bit Proprietary Microcontroller
MB89145 FUJITSU-MB89145 Datasheet
510Kb / 44P
8-bit Proprietary Microcontroller
MB89145V1P-SH FUJITSU-MB89145V1P-SH Datasheet
510Kb / 44P
8-bit Proprietary Microcontroller
MB89145V1PF FUJITSU-MB89145V1PF Datasheet
510Kb / 44P
8-bit Proprietary Microcontroller
MB89145V2P-SH FUJITSU-MB89145V2P-SH Datasheet
510Kb / 44P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89145

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com