Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89173 Datasheet (PDF) - fujitsu semiconductor

MB89173 Datasheet PDF - fujitsu semiconductor
Part # MB89173
Download  MB89173 Download
File Size   626.86 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89173 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89173 Datasheet PDF - fujitsu semiconductor

Part # MB89173
Download  MB89173 Click to download

File Size   626.86 Kbytes
Page   50 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89173 Datasheet (HTML) - fujitsu semiconductor


MB89173 Product details

■ DESCRIPTION
The MB89170/170A/170L series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a great variety of peripheral functions such as timers, a serial interface, a DTMF generator, and external interrupts, making it suitable for circuit control such as required in telephones.

■ FEATURES
• F2MC-8L family CPU core
• Maximum memory space: 64 Kbytes
• Minimum execution time/interrupt processing time
    MB89170 series: 1.1 µs/10 µs (at 3.58 MHz oscillation)
    MB89170A/170L series: 0.6 µs/5.4 µs (at 7.16 MHz oscillation)
• Dual-clock control system (MB89170/170A series only)
• I/O ports: max. 37 ports
• 21-bit timebase counter
• Watch prescaler (MB89170/170A series only)
• Watchdog timer
• 8/16-bit timer/counter: 1 channel
• 8-bit serial I/O: 1 channel
• DTMF generator (MB89170/170A series only)
    Selectable oscillation frequency (MB89170A series only)
• External interrupt 1: 3 channels
    Three channels are independent and capable of using for wake-up from low-power consumption modes (with
    an edge detection function).
• External interrupt 2 (wake-up): 8 channels
    Eight channels are independent and capable of using for wake-up from low-power consumption modes (with
    an “L” level detection function).
• Low-power consumption modes(stop mode, sleep mode, watch mode, and subclock mode)
• CMOS technology




Similar Part No. - MB89173

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89173 FUJITSU-MB89173 Datasheet
626Kb / 50P
8-bit Proprietary Microcontroller
MB89173L FUJITSU-MB89173L Datasheet
626Kb / 50P
8-bit Proprietary Microcontroller
MB89173LPF FUJITSU-MB89173LPF Datasheet
626Kb / 50P
8-bit Proprietary Microcontroller
MB89173PF FUJITSU-MB89173PF Datasheet
626Kb / 50P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89173

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com