Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89P627 Datasheet (PDF) - fujitsu semiconductor

MB89P627 Datasheet PDF - fujitsu semiconductor
Part # MB89P627
Download  MB89P627 Download
File Size   915.83 Kbytes
Page   61 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89P627 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89P627 Datasheet PDF - fujitsu semiconductor

Part # MB89P627
Download  MB89P627 Click to download

File Size   915.83 Kbytes
Page   61 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89P627 Datasheet (HTML) - fujitsu semiconductor


MB89P627 Product details

■ DESCRIPTION

The MB89620R series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers. In addition to the F2MC-8L CPU core which can operate at low voltage but at high speed, the microcontrollers contain a variety of peripheral functions such as timers, serial interfaces, an A/D converter, and an external interrupt. The MB89620R series is applicable to a wide range of applications from consumer products to industrial equip ment, including portable devices.

*: F2MC stands for FUJITSU Flexible Microcontroller.



■ FEATURES

• Various package options

   Three types of QFP packages (1 mm, 0.65 mm, or 0.5 mm lead pitch) SDIP packages

• High-speed processing at low voltage

   Minimum execution time: 0.4 µs/3.5 V, 0.8 µs/2.7 V

• Four types of timers

   8-bit PWM timer (also usable as a reload timer)

   8-bit pulse width count timer (Continuous measurement capable, applicable to remote control, etc.)

   16-bit timer/counter

   20-bit timebase timer

• Two serial interfaces

   Switchable transfer direction allows communication with various equipment.

• 8-bit A/D converter

  Sense mode function enabling comparison at 5 µs

  Activation by an external input capable




Similar Part No. - MB89P627

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89P627 FUJITSU-MB89P627 Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89P627-SH FUJITSU-MB89P627-SH Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89P627PF FUJITSU-MB89P627PF Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
MB89P627PFM FUJITSU-MB89P627PFM Datasheet
937Kb / 61P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89P627

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com