Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89855R Datasheet (PDF) - fujitsu semiconductor

MB89855R Datasheet PDF - fujitsu semiconductor
Part # MB89855R
Download  MB89855R Download
File Size   677.76 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89855R Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89855R Datasheet PDF - fujitsu semiconductor

Part # MB89855R
Download  MB89855R Click to download

File Size   677.76 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89855R Datasheet (HTML) - fujitsu semiconductor


MB89855R Product details

■ DESCRIPTION
The MB89850R series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.

■ FEATURES
• Various package options
    SDIP package (64 pins)/QFP package (64 pins)
• High-speed processing at low voltage
    Minimum execution time: 0.4 µs/3.5 V, 0.8 µs/2.7 V
• F2MC-8L family CPU core
    Instruction set optimized for controllers
                              Multiplication and division instructions
                              16-bit arithmetic operations
                              Test and branch instructions
                              Bit manipulation instructions, etc.
• 8-bit PWM timers: 2 channels
    Also usable as a reload timer
• UART
    Full-duplex double buffer
    Synchronous and asynchronous data transfer
• 8-bit serial I/O
    Switchable transfer direction allows communication with various equipment.
• 10-bit A/D converter
    Conversion time: 13.2 µs
    Activation by an external input or a timer unit capable
• External interrupt: 4 channels
    Four channels are independent and capable of wake-up from low-power consumption modes (with an edge detection function).
• Low-power consumption modes
    Stop mode (Oscillation stops to minimize the current consumption.)
    Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)
• Bus interface functions
    Including hold and ready functions
• Timer unit
    Outputs non-overlap three-phase waveforms to control an AC inverter motor.
    Also usable as a PWM timer (4 channels)




Similar Part No. - MB89855R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89855R FUJITSU-MB89855R Datasheet
633Kb / 48P
488-bit Proprietary Microcontroller
MB89855RP-SH FUJITSU-MB89855RP-SH Datasheet
633Kb / 48P
488-bit Proprietary Microcontroller
More results


Similar Description - MB89855R

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com