Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89915 Datasheet (PDF) - fujitsu semiconductor

MB89915 Datasheet PDF - fujitsu semiconductor
Part # MB89915
Download  MB89915 Download
File Size   673.26 Kbytes
Page   53 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89915 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89915 Datasheet PDF - fujitsu semiconductor

Part # MB89915
Download  MB89915 Click to download

File Size   673.26 Kbytes
Page   53 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89915 Datasheet (HTML) - fujitsu semiconductor


MB89915 Product details

■ DESCRIPTION
The MB89910 series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such as dual-clock control system, five operating speed control stages, timers, a serial interface, an A/D converter, a buzzer output, a low-voltage detection reset, high-voltage driver, a watch prescaler, and external interrupts.
The MB89910 series is applicable to a wide range of applications from consumer products to industrial equipments.

■ FEATURES
• Minimum execution time: 0.50 µs/8.0 MHz oscillation
• Interrupt processing time: 4.50 µs/8.0 MHz oscillation
• F2MC-8L family CPU core
    Instruction set optimized for controllers
        Multiplication and division instructions
        16-bit arithmetic operations
        Test and branch instructions
        Bit manipulation instructions, etc.
• Dual-clock control system
• High-voltage ports (built-in a pull-down resistor capable)
    8 ports for large current
    10 ports for small current
• 8-bit PWM timer: 1 channel
• 16-bit timer/counter: 1 channel
• 21-bit timebase timer
• 8-bit serial I/O: 1 channel
• 8-bit A/D converter: 8 channels
• External interrupt
    Edge detection function
    Two channels, including one of which voltage can be applied from –0.3 to +7.0 V
• Low-voltage detection reset (excluding the MB89PV910)
• Low-power consumption modes (subclock mode, watch mode, sleep mode, and stop mode)
• Reset output and power-on reset function
• Watch prescaler




Similar Part No. - MB89915

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89920 FUJITSU-MB89920 Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
MB89923PF FUJITSU-MB89923PF Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89923PF FUJITSU-MB89923PF Datasheet
606Kb / 46P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89915

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89160 FUJITSU-MB89160 Datasheet
845Kb / 53P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com