Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90091 Datasheet (PDF) - fujitsu semiconductor

MB90091 Datasheet PDF - fujitsu semiconductor
Part # MB90091
Download  MB90091 Download
File Size   406.81 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Intelligent On-screen Display Controller (IOSDC)

MB90091 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90091 Datasheet PDF - fujitsu semiconductor

Part # MB90091
Download  MB90091 Click to download

File Size   406.81 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Intelligent On-screen Display Controller (IOSDC)

MB90091 Datasheet (HTML) - fujitsu semiconductor


MB90091 Product details

■ DESCRIPTION

The MB90091A is the multisync, on-screen display controller that supports a variety of TV systems such as NTSC, PAL, double-scan NTSC, double-scan PAL, 1250HDTV, and 1125HDTV as well as personal computer monitor display systems such as VGA and XGA. The MB90091A contains display memory (VRAM) and character font ROM, allowing characters to be displayed with few external devices. The device also contains command table ROM storing display command data, minimizing the load on the microcomputer.



■ FEATURES

• Screen display capacity : Up to 24 characters x 12 lines (288 characters)

• Font size : 24 x 32 dots (horizontal x vertical)

• Font types : 512 different characters (character codes 000H to 1FFH)

8 different sprite characters (character codes 1F8H to 1FFH)

(Internal or external ROM selectable)

• Display modes : Trimmed display (pattern background 0, 1, or none)

Character background (settable for each character)

Shaded background (settable for each character)

• Sprite character display : Capable of displaying one character (selectable from among 8 types of char

acters) on the screen

Sprite character colors : 8 colors

Sprite trimming colors : 8 colors

Sprite display position : Settable in 2-dot units on the screen

• Character sizes : Normal, double width, double height, double width x double height, quadruple

width, quadruple width x double height

(Set for each line)

• Display colors : Character color : 16 colors (set for each character)

Trimmed background color : 16 colors (set for each line)

Character background color : 16 colors (set for each character)

Screen background color : 16 colors

• Display position control : Horizontal display start position : Set in 8-dot units

Vertical display start position : Set in 2-dot units

Line spacing control : Set in 2-dot units (0 to 30 dots)

• Character/color signal output : ROUT, GOUT, BOUT, IOUT (color signals)

COLOR (color/monochrome control signal)

VOB1 (character + pattern background + character background + screen

background: all-output signal)

VOB2 (character + pattern background + character background: specified

character output signal)

• Supported TV systems : NTSC, PAL, double-scan NTSC, double-scan PAL, 1250HDTV, 1125HDTV, etc.

Personal computer monitor display systems such as VGA

• Intelligent features : Automatic control of operation using on command table ROM

Command table ROM: Internal 32K bytes + external 32K bytes available

• Microcontroller/microcomputer interface : 8-bit serial input (3 signal input pins

Chip select: SCS

Serial clock: SCLK

Serial data: SIN

• Package : SH-DIP-64, QFP-64

• Miscellaneous : Power-on reset circuit integrated




Similar Part No. - MB90091

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90092 FUJITSU-MB90092 Datasheet
568Kb / 49P
ON-Screen Display Controller (OSDC-360)
MB90092 FUJITSU-MB90092 Datasheet
348Kb / 40P
ON-Screen Display Controller
MB90092PF FUJITSU-MB90092PF Datasheet
568Kb / 49P
ON-Screen Display Controller (OSDC-360)
MB90092PF FUJITSU-MB90092PF Datasheet
348Kb / 40P
ON-Screen Display Controller
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
ON-Screen Display Controller
More results


Similar Description - MB90091

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
ON-Screen Display Controller
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
On-Screen Display Controller
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
On-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
On-Screen Display Controller
logo
fujitsu semiconductor
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
On-screen Display Controller
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
On-Screen Display Controller
July, 2013
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com