Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89935 Datasheet (PDF) - fujitsu semiconductor

MB89935 Datasheet PDF - fujitsu semiconductor
Part # MB89935
Download  MB89935 Download
File Size   633.59 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89935 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89935 Datasheet PDF - fujitsu semiconductor

Part # MB89935
Download  MB89935 Click to download

File Size   633.59 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89935 Datasheet (HTML) - fujitsu semiconductor


MB89935 Product details

■ DESCRIPTION
The MB89930A series is a line of single-chip microcontrollers. In addition to a compact instruction set, the microcontrollers contain a variety of peripheral functions such, timers, a serial interface, an A/D converter and an external interrupt.

■ FEATURES
• Models that support + 125 °C
• MB89600 Series CPU core
• Maximum memory space : 64 Kbytes
• Minimum execution time : 0.4 µs/10 MHz
• Interrupt processing time : 3.6 µs/10 MHz
• I/O ports : Max 21channels
• 21-bit timebase timer
• 8-bit PWM timer
• 8/16-bit capture timer/counter
• 10-bit A/D converter : 8 channels
• UART8-bit serial I/O
• External interrupt 1 : 3 channels
• External interrupt 2 : 8 channels
• Wild Register : 2 bytes
• Low-power consumption modes ( sleep mode, and stop mode)
• SSOP-30 and MQFP-48 package
• CMOS Technology




Similar Part No. - MB89935

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89935A FUJITSU-MB89935A Datasheet
403Kb / 42P
8-bit Proprietary Microcontroller
MB89935APFV FUJITSU-MB89935APFV Datasheet
403Kb / 42P
8-bit Proprietary Microcontroller
MB89935B FUJITSU-MB89935B Datasheet
403Kb / 42P
8-bit Proprietary Microcontroller
MB89935BPFV FUJITSU-MB89935BPFV Datasheet
403Kb / 42P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89935

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com