Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90598 Datasheet (PDF) - fujitsu semiconductor

MB90598 Datasheet PDF - fujitsu semiconductor
Part # MB90598
Download  MB90598 Download
File Size   657.55 Kbytes
Page   47 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90598 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90598 Datasheet PDF - fujitsu semiconductor

Part # MB90598
Download  MB90598 Click to download

File Size   657.55 Kbytes
Page   47 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90598 Datasheet (HTML) - fujitsu semiconductor


MB90598 Product details

■ DESCRIPTION
The MB90595/595G series with FULL-CAN*1 interface and FLASH ROM is especially designed for automotive and industrial applications. Its main features are two on board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach.

■ FEATURES
• Clock
    Embedded PLL clock multiplication circuit
    Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).
    Minimum instruction execution time: 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock, VCC of 5.0 V)
• Instruction set to optimize controller applications
    Rich data types (bit, byte, word, long word)
    Rich addressing mode (23 types)
    Enhanced signed multiplication/division instruction and RETI instruction functions
    Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C language) and multi-task operations
    Adoption of system stack pointer
    Enhanced pointer indirect instructions
    Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed: 4-byte instruction queue
• Enhanced interrupt function: 8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
    Extended intelligent I/O service function (EI2OS): Up to 10 channels
• Embedded ROM size and types
    Mask ROM: 128 Kbytes
    Flash ROM: 128 Kbytes
    Embedded RAM size: 4 Kbytes (MB90V595/595G: 6 Kbytes)
• Flash ROM
    Supports automatic programming, Embedded Algorithm TM*
    Write/Erase/Erase-Suspend/Resume commands
    A flag indicating completion of the algorithm
    Hard-wired reset vector available in order to point to a fixed boot sector
    Erase can be performed on each block
    Block protection with external programming voltage
• Low-power consumption (stand-by) mode
    Sleep mode (mode in which CPU operating clock is stopped)
    Stop mode (mode in which oscillation is stopped)
    CPU intermittent operation mode
    Hardware stand-by mode
• Process: 0.5 µm CMOS technology
• I/O port
    General-purpose I/O ports: 78 ports
    Push-pull output and Schmitt trigger input.
    Programmable on each bit as I/O or signal for peripherals.
• Timer
    Watchdog timer: 1 channel
    8/16-bit PPG timer: 8/16-bit × 6 channels
    16-bit re-load timer: 2 channels
• 16-bit I/O timer
    Input capture: 4 channels
    Output compare: 4 channels
• Extended I/O serial interface: 1 channel
• UART0
    With full-duplex double buffer (8-bit length)
    Clock asynchronized or clock synchronized (with start/stop bit) transmission can be selectively used.
• UART1 (SCI)
    With full-duplex double buffer (8-bit length)
    Clock asynchronized or clock synchronized serial transmission (I/O extended transmission) can be selectively used.
• Stepping motor controller (4 channels)
• External interrupt circuit (8 channels)
    A module for starting an extended intelligent I/O service (EI2OS) and generating an external interrupt which is triggered by an external input.
• Delayed interrupt generation module: Generates an interrupt request for switching tasks.
• 8/10-bit A/D converter (8 channels)
    8/10-bit resolution can be selectively used.
    Starting by an external trigger input.
• FULL-CAN interface: 1 channel
    Conforming to Version 2.0 Part A and Part B
    Flexible message buffering (mailbox and FIFO buffering can be mixed)
• 18-bit Time-base counter
• External bus interface: Maximum address space 16 Mbytes




Similar Part No. - MB90598

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90598G FUJITSU-MB90598G Datasheet
1Mb / 56P
16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90598G CYPRESS-MB90598G Datasheet
518Kb / 52P
CMOS 16-bit Proprietary Microcontroller
logo
fujitsu semiconductor
MB90598GPF FUJITSU-MB90598GPF Datasheet
613Kb / 52P
16-bit Proprietary Microcontroller
MB90598GPF FUJITSU-MB90598GPF Datasheet
1Mb / 56P
16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90598GPF CYPRESS-MB90598GPF Datasheet
518Kb / 52P
CMOS 16-bit Proprietary Microcontroller
More results


Similar Description - MB90598

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com