Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90673 Datasheet (PDF) - fujitsu semiconductor

MB90673 Datasheet PDF - fujitsu semiconductor
Part # MB90673
Download  MB90673 Download
File Size   2584.71 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90673 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90673 Datasheet PDF - fujitsu semiconductor

Part # MB90673
Download  MB90673 Click to download

File Size   2584.71 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90673 Datasheet (HTML) - fujitsu semiconductor


MB90673 Product details

■DESCRIPTION

The MB90670/675 series is a member of 16-bit proprietary single-chip microcontroller F2MC*1-16L family designed to be combined with an ASIC (Application Specific IC) core. The MB90670/675 series is a high-performance general-purpose 16-bit microcontroller for high-speed real-time processing in various industrial equipment, OA equipment, and process control.



■FEATURES

•Clock

Embedded PLL clock multiplication circuit

Operating clock (PLL clock) can be selected from divided-by-2 of oscillation or one to four times the oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).

Minimum instruction execution time of 62.5 ns (at oscillation of 4 MHz, four times the PLL clock, operation at Vcc of 5.0 V)

• CPU addressing space of 16 Mbytes

Internal addressing of 24-bit

External accessing can be performed by selecting 8/16-bit bus width (external bus mode)

• Instruction set optimized for controller applications

Rich data types (bit, byte, word, long word)

Rich addressing mode (23 types)

High code efficiency

Enhanced precision calculation realized by the 32-bit accumulator

• Instruction set designed for high level language (C) and multi-task operations

Adoption of system stack pointer

Enhanced pointer indirect instructions

Barrel shift instructions

• Enhanced execution speed

4-byte instruction queue

• Enhanced interrupt function

8 levels, 32 factors

• Automatic data transmission function independent of CPU operation

Extended intelligent I/O service function (EI2OS)

• Low-power consumption (standby) mode

Sleep mode (mode in which CPU operating clock is stopped)

Timebase timer mode (mode in which other than oscillation and timebase timer are stopped)

Stop mode (mode in which oscillation is stopped)

CPU intermittent operation mode

Hardware standby mode

•Process

CMOS technology

• I/O port

MB90670 series: Maximum of 65 ports

MB90675 series: Maximum of 84 ports

•Timer

Timebase timer/watchdog timer: 1 channel

8/16-bit PPG timer: 8-bit ×2 channels or 16-bit ×1 channel

16-bit reload timer: 2 channels

24-bit free run timer: 1 channel

• Input capture (ICU)

Generates an interrupt request by latching a 24-bit free run timer counter value upon detection of an edge input to the pin.

• Output compare (OCU)

Generates an interrupt request and reverse the output level upon detection of a match between the 24-bit free

run timer counter value and the compare setting value.

•I2C interface (in MB90675 series only)

• Serial I/O port for supporting Inter IC BUS




Similar Part No. - MB90673

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90673 FUJITSU-MB90673 Datasheet
1Mb / 106P
16-Bit Proprietary Microcontroller
MB90673PF FUJITSU-MB90673PF Datasheet
1Mb / 106P
16-Bit Proprietary Microcontroller
MB90673PFV FUJITSU-MB90673PFV Datasheet
1Mb / 106P
16-Bit Proprietary Microcontroller
More results


Similar Description - MB90673

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com