Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91108 Datasheet (PDF) - fujitsu semiconductor

MB91108 Datasheet PDF - fujitsu semiconductor
Part # MB91108
Download  MB91108 Download
File Size   1061.69 Kbytes
Page   96 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit RISC Microcontroller CMOS

MB91108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91108 Datasheet PDF - fujitsu semiconductor

Part # MB91108
Download  MB91108 Click to download

File Size   1061.69 Kbytes
Page   96 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit RISC Microcontroller CMOS

MB91108 Datasheet (HTML) - fujitsu semiconductor


MB91108 Product details

■ DESCRIPTION
The MB91107 is a standard single-chip microcontroller constructed around the 32-bit RISC CPU (FR* family) core with abundant I/O resources and bus control functions optimized for high-performance/high-speed CPU processing for embedded controller applications. To support the vast memory space accessed by the 32-bit CPU, the MB91107 normally operates in the external bus access mode and executes instructions on the internal 1 Kbyte cache memory and RAM (MB91107: 128 Kbytes, MB91108: 160 Kbytes) for enhanced performance.

FEATURES
FR CPU
• 32-bit RISC, load/store architecture, 5-stage pipeline
• Operating clock frequency: Internal 50 MHz/external 25 MHz (PLL used at source oscillation 12.5 MHz)
• General purpose registers: 32 bits × 16
• 16-bit fixed length instructions (basic instructions), 1 instruction/1 cycle
• Memory to memory transfer, bit processing, barrel shifter processing: Optimized for embedded applications
• Function entrance/exit instructions, multiple load/store instructions of register contents, instruction systems supporting high level languages
• Register interlock functions, efficient assembly language coding
• Branch instructions with delay slots: Reduced overhead time in branch executions
• Internal multiplier/supported at instruction level
    Signed 32-bit multiplication: 5 cycles
    Signed 16-bit multiplication: 3 cycles
• Interrupt (push PC and PS): 6 cycles, 16 priority levels

Bus interface
• Clock doubler: Internal 50 MHz, external bus 25 MHz operation
• 25-bit address bus (32 Mbytes memory space)
• 8/16-bit data bus
• Basic external bus cycle: 2 clock cycles
• Chip select outputs for setting down to a minimum memory block size of 64 Kbytes: 8
• Interface supported for various memory technologies
    DRAM interface (area 4 and 5)
• Automatic wait cycle insertion: Flexible setting, from 0 to 7 for each area
• Unused data/address pins can be configured us input/output ports
• Little endian mode supported (Select 1 area from area 1 to 5)

DRAM interface
• 2 banks independent control (area 4 and 5)
• Double CAS DRAM (normal DRAM I/F) / Single CAS DRAM / Hyper DRAM
• Basic bus cycle: Normally 5 cycles, 2-cycle access possible in high-speed page mode
• Programmable waveform: Automatic 1-cycle wait insertion to RAS and CAS cycles
• DRAM refresh
    CBR refresh (interval time configurable by 6-bit timer)
    Self-refresh mode
• Supports 8/9/10/12-bit column address width
• 2CAS/1WE, 2WE/1CAS selective

Cache memory
• 1-Kbyte instruction cache memory
• 2 way set associative
• 32 block/way, 4 entry(4 word)/block
• Lock function: For specific program code to be resident in cache memory

DMAC (DMA controller)
• 8 channels
• Transfer incident/external pins/internal resource interrupt requests
• Transfer sequence: Step transfer/block transfer/burst transfer/continuous transfer
• Transfer data length: 8 bits/16 bits/32 bits selective
• NMI/interrupt request enables temporary stop operation

UART
• 3 independent channels
• Full-duplex double buffer
• Data length: 7 bits to 9 bits (non-parity), 6 bits to 8 bits (parity)
• Asynchronous (start-stop system), CLK-synchronized communication selective
• Multi-processor mode
• Internal 16-bit timer (U-TIMER) operating as a proprietary baud rate generator: Generates any given baud rate
• Use external clock can be used as a transfer clock
• Error detection: Parity, frame, overrun
(Continue ...)




Similar Part No. - MB91108

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
32-bit RISC Microcontroller
More results


Similar Description - MB91108

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
32-Bit RISC Microcontroller
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
32-bit RISC Microcontroller
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
32-Bit RISC Microcontroller
MB91121 FUJITSU-MB91121 Datasheet
1Mb / 97P
32-bit RISC Microcontroller CMOS
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
32-bit RISC Microcontroller
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
32-BIT RISC MICROCONTROLLER
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
32-bit RISC Microcontroller
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
32-BIT RISC MICROCONTROLLER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com