Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F109 Datasheet (PDF) - fujitsu semiconductor

MB91F109 Datasheet PDF - fujitsu semiconductor
Part # MB91F109
Download  MB91F109 Download
File Size   1445.07 Kbytes
Page   117 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit RISC Microcontroller

MB91F109 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F109 Datasheet PDF - fujitsu semiconductor

Part # MB91F109
Download  MB91F109 Click to download

File Size   1445.07 Kbytes
Page   117 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit RISC Microcontroller

MB91F109 Datasheet (HTML) - fujitsu semiconductor


MB91F109 Product details

DESCRIPTION
The MB91F109 is a standard single-chip microcontroller constructed around the 32-bit RISC CPU (FR* family) core with abundant I/O resources and bus control functions optimized for high-performance/high-speed CPU processing for embedded controller applications. To carry out hi-speed performance of CPU instructions, instruction/data Flash memory of 254 Kbytes and RAM of 2 Kbytes + 2 Kbytes are embedded in the MB91F109.
   
FEATURES
FR CPU
• 32-bit RISC, load/store architecture, 5-stage pipeline
• Operating clock frequency: Internal 25 MHz/external 25 MHz
    (PLL used at source oscillation 12.5 MHz)
• General purpose registers: 32 bits × 16
• 16-bit fixed length instructions
    (basic instructions), 1 instruction/1 cycle
• Memory to memory transfer, bit processing, barrel shifter processing:
    Optimized for embedded applications
• Function entrance/exit instructions, multiple load/store instructions
    of register contents, instruction systems
    supporting high level languages
• Register interlock functions, efficient assembly language coding
• Branch instructions with delay slots:
    Reduced overhead time in branch executions
• Internal multiplier/supported at instruction level
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
• Interrupt (push PC and PS): 6 cycles, 16 priority levels

External bus interface
• Without Clock doubler: Maximum internal bus 25 MHz,
    maximum external bus 25 MHz operation
• 25-bit address bus (32 Mbytes memory space)
• 8/16-bit data bus
• Basic external bus cycle: 2 clock cycles
• Chip select outputs for setting down to a
    minimum memory block size of 64 Kbytes: 6
• Interface supported for various memory technologies
    DRAM interface (area 4 and 5)
• Automatic wait cycle insertion: Flexible setting,
    from 0 to 7 for each area
• Unused data/address pins can be configured us input/output ports
• Little endian mode supported (Select 1 area from area 1 to 5)
    (Continue ...)




Similar Part No. - MB91F109

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
32-Bit Microcontroller CMOS
MB91F127PFV FUJITSU-MB91F127PFV Datasheet
535Kb / 50P
32-Bit Microcontroller CMOS
MB91F128 FUJITSU-MB91F128 Datasheet
535Kb / 50P
32-Bit Microcontroller CMOS
MB91F128PFV FUJITSU-MB91F128PFV Datasheet
535Kb / 50P
32-Bit Microcontroller CMOS
MB91F133PBT FUJITSU-MB91F133PBT Datasheet
1Mb / 123P
32-Bit RISC Microcontroller
More results


Similar Description - MB91F109

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
32-Bit RISC Microcontroller
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
32-bit RISC Microcontroller
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
32-bit RISC Microcontroller CMOS
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
32-Bit RISC Microcontroller
MB91133 FUJITSU-MB91133 Datasheet
1Mb / 123P
32-Bit RISC Microcontroller
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
32-BIT RISC MICROCONTROLLER
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
32-bit RISC Microcontroller
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
32-BIT RISC MICROCONTROLLER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com