Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91133 Datasheet (PDF) - fujitsu semiconductor

MB91133 Datasheet PDF - fujitsu semiconductor
Part # MB91133
Download  MB91133 Download
File Size   1362.6 Kbytes
Page   123 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-Bit RISC Microcontroller

MB91133 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91133 Datasheet PDF - fujitsu semiconductor

Part # MB91133
Download  MB91133 Click to download

File Size   1362.6 Kbytes
Page   123 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-Bit RISC Microcontroller

MB91133 Datasheet (HTML) - fujitsu semiconductor


MB91133 Product details

■ DESCRIPTION
The MB91133/MB91F133, a standard single-chip microcontroller featuring various I/O resources and bus control mechanisms to incorporate the control required for high-performance high-speed CPU processes, is the core unit in the 32-bit RISC CPU (FR family) .
This unit has the optimal specifications for incorporating applications that require high-performance CPU processing power by featuring peripheral I/O resources suitable for single-lens reflex cameras, digital video cameras, etc.

■ FEATURES
1. CPU
    • 32-bit RISC (FR30) , load/store architecture, 5-level pipeline
    • Multi-purpose register : 32 bits × 16
    • 16-bit fixed length instructions (basic instructions) , 1 instruction per cycle
    • Instructions for barrel shift, bit processing and inter-memory transfers : Instructions suited to loading purposes
    • Function entry / exit instruction, multi load / store instruction of register details : High-level language handling instruction
    • Register interlock function : Simplification of assembler description
    • Branch instruction with delay slot : Reduction in overheads in case of branching
    • Multiplier is built-in / supported at instruction level.
    • Signed 32-bit multiplication : 5 cycles
    • Signed 16-bit multiplication : 3 cycles
    • Interruption (saving PC and PS) : 6 cycles, 16 priority levels
2. Bus Interface
    • 24-bit address output, 8/16-bit data input/output
    • Basic bus cycle : 2 clock cycles
    • Interface support for various memories
    • Unused data and address pins can be used as input/output ports.
    • Supports “little endian” mode
3. Built-in ROM
    Mask device : 254 KB; FLASH device : 254 KB; EVA-FLASH device : 254 KB
4. Built-in RAM
    Mask device : 8 KB; FLASH device : 8 KB; EVA-FLASH device : 8 KB
5. DMA Controller
    This is a descriptor-type MA controller whose transfer parameters are arranged in the main memory.
    A maximum of 8 factors in total (internal and external) can be transferred.
    External factors are 3 channels.
6. Bit Search Module
    Searches the first “1” / “0” change bit positions within 1 cycle from MSB in 1 word
7. Timer
    • 16-bit reload timer × 5 channels
    • 16-bit OCU × 8 channels, ICU × 4 channels, free-run timer × 1 channel Output waveform adjusting function for AC motor waveforms is included in the above timer.
    • 8/16-bit up/down timer/counter (8-bit × 2 channels or 16-bit × 1 channel) External interruption and pin are shared for AIN and BIN.
    • 16-bit down count timer × 5 channels; can also be used as the UART baud rate timer
    • 16-bit PPG timer × 6 channels; out-pulse cycle / duty can be changed at random
8. D/A Converter
    • 8-bit × 3 channels
(Continue ...)




Similar Part No. - MB91133

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101A FUJITSU-MB91101A Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101APF FUJITSU-MB91101APF Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91101APFV FUJITSU-MB91101APFV Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
32-bit RISC Microcontroller
More results


Similar Description - MB91133

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC680100A SANYO-LC680100A Datasheet
894Kb / 16P
32-Bit RISC Microcontroller
logo
fujitsu semiconductor
MB91101 FUJITSU-MB91101 Datasheet
870Kb / 99P
32-bit RISC Microcontroller CMOS
MB91106 FUJITSU-MB91106 Datasheet
1Mb / 116P
32-bit RISC Microcontroller
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
32-bit RISC Microcontroller CMOS
MB91110 FUJITSU-MB91110 Datasheet
1Mb / 112P
32-Bit RISC Microcontroller
MB91F109 FUJITSU-MB91F109 Datasheet
1Mb / 117P
32-bit RISC Microcontroller
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
32-bit RISC Microcontroller
MB91F369GA FUJITSU-MB91F369GA Datasheet
2Mb / 206P
32-BIT RISC MICROCONTROLLER
MB91360G FUJITSU-MB91360G_05 Datasheet
2Mb / 239P
32-bit RISC Microcontroller
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
32-BIT RISC MICROCONTROLLER
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com